Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB6CW6 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB6CW6
Description  Head for illuminated push button, Harmony XB6, blue square flush pushbutton 횠 16 spring return 12...24 V
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB6CW6 Datasheet(HTML) 1 Page - Schneider Electric

  ZB6CW6 Datasheet HTML 1Page - Schneider Electric ZB6CW6 Datasheet HTML 2Page - Schneider Electric ZB6CW6 Datasheet HTML 3Page - Schneider Electric ZB6CW6 Datasheet HTML 4Page - Schneider Electric ZB6CW6 Datasheet HTML 5Page - Schneider Electric ZB6CW6 Datasheet HTML 6Page - Schneider Electric ZB6CW6 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
Head for illuminated push button,
Harmony XB6, blue square flush
pushbutton Ø 16 spring return
12...24 V
ZB6CW6
Price* : 14.40 USD
Main
Range of Product
Harmony XB6
Product or Component Type
Head for illuminated push-button
Product Compatibility
Integral LED
Device short name
ZB6
Bezel material
Plastic
Mounting diameter
0.63 in (16 mm)
Sale per indivisible quantity
1
Shape of signaling unit head
Square
Type of operator
spring return
Operator profile
Blue flush, unmarked
Complementary
CAD overall width
0.71 in (18 mm)
CAD overall height
0.71 in (18 mm)
CAD overall depth
1.30 in (33 mm)
Net Weight
0.04 lb(US) (0.016 kg)
Environment
Protective treatment
TC
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient air temperature for
operation
-13…158 °F (-25…70 °C)
Electrical shock protection
class
Class II IEC 61140
IP degree of protection
IP65 IEC 60529
NEMA degree of protection
NEMA 13 UL 50
NEMA 4 UL 50
NEMA 4X UL 50
NEMA 4 CSA C22.2 No 94
NEMA 4X CSA C22.2 No 94
NEMA 13 CSA C22.2 No 94
Standards
EN/IEC 60947-5-5
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 21, 2022
1


Similar Part No. - ZB6CW6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB6CW6 ETC1-ZB6CW6 Datasheet
5Mb / 34P
Harmony??XB6/ZB6 16 mm push buttons
More results

Similar Description - ZB6CW6

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6AW1 SCHNEIDER-ZB6AW1 Datasheet
161Kb / 7P
Head for illuminated push button, Harmony XB6, white flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6AW3 SCHNEIDER-ZB6AW3 Datasheet
174Kb / 7P
Head for illuminated push button, Harmony XB6, green flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6AW4 SCHNEIDER-ZB6AW4 Datasheet
177Kb / 7P
Head for illuminated push button, Harmony XB6, red flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6AW6 SCHNEIDER-ZB6AW6 Datasheet
150Kb / 7P
Head for illuminated push button, Harmony XB6, blue flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6CW1 SCHNEIDER-ZB6CW1 Datasheet
184Kb / 7P
Head for illuminated push button, Harmony XB6, white square flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6CW3 SCHNEIDER-ZB6CW3 Datasheet
179Kb / 7P
Head for illuminated push button, Harmony XB6, green square flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6CW4 SCHNEIDER-ZB6CW4 Datasheet
179Kb / 7P
Head for illuminated push button, Harmony XB6, red square flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6CW5 SCHNEIDER-ZB6CW5 Datasheet
183Kb / 7P
Head for illuminated push button, Harmony XB6, yellow square flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6DW1 SCHNEIDER-ZB6DW1 Datasheet
185Kb / 7P
Head for illuminated push button, Harmony XB6, white rectang flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
ZB6DW6 SCHNEIDER-ZB6DW6 Datasheet
196Kb / 7P
Head for illuminated push button, Harmony XB6, blue rectang flush pushbutton 횠 16 spring return 12...24 V
Jan 21, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com