Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2173 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2173
Description  ICs for use with Crystal Oscillators (PLL built-in)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2173 Datasheet HTML 1Page - Torex Semiconductor XC2173 Datasheet HTML 2Page - Torex Semiconductor XC2173 Datasheet HTML 3Page - Torex Semiconductor XC2173 Datasheet HTML 4Page - Torex Semiconductor XC2173 Datasheet HTML 5Page - Torex Semiconductor XC2173 Datasheet HTML 6Page - Torex Semiconductor XC2173 Datasheet HTML 7Page - Torex Semiconductor XC2173 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
XC2173 Series
1040
14
XC2173qwerty
↑↑↑↑↑↑
abcdef
DESIGNATOR
DESCRIPTION
DESIGNATOR
DESCRIPTION
Duty Level :
C : CMOS(VDD/2)
Input Oscillation Frequency Range
1 : 10MHz to 25MHz
Package :
M = SOT-26
Multiplier Ratio or Divider Ratio
2 : f0 / 2
6 : f0 x 6
4 : f0 / 4  
7 : f0 x 7
5 : f0 x 5  
8 : f0 / 8 & f0 x 8
Device Orientation :
R = Embossed Tape
(Standard Feed)
L= Embossed Tape
(Reverse Feed)
a
b
c
e
f
d
Output Capacity :
M: Multiplier Output
D : Divider Output
■Product Classification
GOrdering Information
■Marking
q Represents the Series name
w Represents the Output
SYMBOL
OUTPUT
M
Multiplier
D
Divider
e Represents the Multiplier and/or Divider Ratio
SYMBOL
M/D
SYMBOL
M/D
2
f0/2
6
f0 x 6
4
f0/4
7
f0 x 7
5
f0/5
8
f0/8 & f0 x 8
r Represents the Assembly Lot No.
(based on internal standards)
1
2
4
3
5
6
q
w
e
r
SOT-26
(TOP VIEW)
MARK
7
(0.95)
(0.5)
1.9±0.2
2.9±0.2
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
0.4
+0.1
-0.05
0.4
+0.1
-0.05
■Packaging Information
GSOT-26
14S_05XC2173 02.09.12 16:37 ページ 1040



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com