Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6205 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6205
Description  Low ESR Cap. Compatible Output On/Off Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6205 Datasheet HTML 5Page - Torex Semiconductor XC6205 Datasheet HTML 6Page - Torex Semiconductor XC6205 Datasheet HTML 7Page - Torex Semiconductor XC6205 Datasheet HTML 8Page - Torex Semiconductor XC6205 Datasheet HTML 9Page - Torex Semiconductor XC6205 Datasheet HTML 10Page - Torex Semiconductor XC6205 Datasheet HTML 11Page - Torex Semiconductor XC6205 Datasheet HTML 12Page - Torex Semiconductor XC6205 Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Preliminary
(13) Ripple Rejection Rate
13
XC6205 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
VIN=2.5VDC+0.5Vp-pAC
IOUT=30mA, CL=4.7
µF(ceramic)
XC6205x092
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
XC6205x152
VIN=2.5VDC+0.5Vp-pAC
IOUT=30mA, CL=2.2
µF(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com