Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3010 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3010
Description  VOLTAGE-VARIABLE DELAY LINE TR < 1ns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3010 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3010 Datasheet HTML 1Page - Data Delay Devices, Inc. 3010 Datasheet HTML 2Page - Data Delay Devices, Inc. 3010 Datasheet HTML 3Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3010
TYPICAL APPLICATIONS
IN
G
OUT
G
VC
3010-P
1.3V - 11.3V*
+
Rin
r:
Signal source impedance
Rin:
Input termination resistor
Ro:
Output termination resistor
•
•
Set Ro to the median impedance value within
the delay adjustment range (50
Ω - 60Ω)
Set Rin = Rout - r
r
Ro
*Reverse polarity for 3010-N.
Analog Interface
IN
G
OUT
G
VC
3010-P
2.6Ro
+
0V - 10V
Vcc
Vee
Vee=-5.2V
Vcc=0V
1.6Ro
Vcc
Vcc or Vee
Vcc
Vcc
IN
G
OUT
G
VC
3010-P
Ro
+
0V - 10V
Vee
Vcc
Vcc, Vee or –2V
-2V
Vee
IN
G
OUT
G
VC
3010-N
2.6Ro
+
2.6V – 12.6V
Vcc
Vee
1.6Ro
Vee=-5.2V
Vcc=0V
Vcc
Vcc or Vee
Vcc
Vcc
IN
G
OUT
G
VC
3010-N
Ro
+
2.6V – 12.6V
Vee
Vcc
Vcc, Vee or –2V
-2V
Vee
ECL with –2V Termination
ECL without –2V Termination
Note: The varicap voltage is referenced to the DC level of the input signal. In the case of ECL applications, a
voltage of 0V to 10V (2.6V to 12.6V for the 3010-N) should be applied at pin 6, because the signal line has –1.3V
DC level. This assumes the ECL signal has approximately 50% duty cycle.
Doc #04001
DATA DELAY DEVICES, INC.
2
8/10/2005
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com