Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS541 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS541
Description  SN74HCS541-Q1 Automotive Octal Buffers and Line Drivers with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS541 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS541 Datasheet HTML 1Page - Texas Instruments SN74HCS541 Datasheet HTML 2Page - Texas Instruments SN74HCS541 Datasheet HTML 3Page - Texas Instruments SN74HCS541 Datasheet HTML 4Page - Texas Instruments SN74HCS541 Datasheet HTML 5Page - Texas Instruments SN74HCS541 Datasheet HTML 6Page - Texas Instruments SN74HCS541 Datasheet HTML 7Page - Texas Instruments SN74HCS541 Datasheet HTML 8Page - Texas Instruments SN74HCS541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
18
17
GND
Y3
Y5
Y6
V
CC
15
16
A1
A2
OE1
A5
A6
Y8
Y4
Y7
A4
A3
10
9
A7
A8
Y1
OE2
Y2
20
19
PW package
20-Pin TSSOP
Top View
VCC
Y8
GND
A1
A2
A3
A4
A5
A6
A7
A8
OE1
OE2
Y1
Y2
Y3
Y4
Y5
Y6
Y7
1
20
10
11
2
3
4
5
6
7
8
9
12
13
14
15
16
17
18
19
PAD
WRKS Package
20-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OE1
1
Input
Output enable input 1, active low
A1
2
Input
Input for channel 1
A2
3
Input
Input for channel 2
A3
4
Input
Input for channel 3
A4
5
Input
Input for channel 4
A5
6
Input
Input for channel 5
A6
7
Input
Input for channel 6
A7
8
Input
Input for channel 7
A8
9
Input
Input for channel 8
GND
10
—
Ground
Y8
11
Output
Output for channel 8
Y7
12
Output
Output for channel 7
Y6
13
Output
Output for channel 6
Y5
14
Output
Output for channel 5
Y4
15
Output
Output for channel 4
Y3
16
Output
Output for channel 3
Y2
17
Output
Output for channel 2
Y1
18
Output
Output for channel 1
OE2
19
Input
Output enable input 2, active low
VCC
20
—
Postive supply
Thermal Pad(1)
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
(1)
WRKS package only.
www.ti.com
SN74HCS541-Q1
SCLS859 – NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS541-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com