Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX8211 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX8211
Description  TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX8211 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX8211 Datasheet HTML 1Page - Texas Instruments TMUX8211 Datasheet HTML 2Page - Texas Instruments TMUX8211 Datasheet HTML 3Page - Texas Instruments TMUX8211 Datasheet HTML 4Page - Texas Instruments TMUX8211 Datasheet HTML 5Page - Texas Instruments TMUX8211 Datasheet HTML 6Page - Texas Instruments TMUX8211 Datasheet HTML 7Page - Texas Instruments TMUX8211 Datasheet HTML 8Page - Texas Instruments TMUX8211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings: TMUX821x Devices...... 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions:
TMUX821x Devices.......................................................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics (Global): TMUX821x
Devices..........................................................................6
7.6 Electrical Characteristics (±15-V Dual Supply)........... 6
7.7 Electrical Characteristics (±36-V Dual Supply)........... 7
7.8 Electrical Characteristics (±50-V Dual Supply)........... 8
7.9 Electrical Characteristics (72-V Single Supply)...........9
7.10 Electrical Characteristics (100-V Single Supply).....10
7.11 Switching Characteristics: TMUX821x Devices.......11
7.12 Typical Characteristics............................................ 12
8 Parameter Measurement Information.......................... 17
8.1 On-Resistance.......................................................... 17
8.2 Off-Leakage Current................................................. 17
8.3 On-Leakage Current................................................. 18
8.4 Device Turn-On and Turn-Off Time...........................18
8.5 Charge Injection........................................................19
8.6 Off Isolation...............................................................19
8.7 Crosstalk................................................................... 20
8.8 Bandwidth................................................................. 20
8.9 THD + Noise............................................................. 21
9 Detailed Description......................................................22
9.1 Overview................................................................... 22
9.2 Functional Block Diagram......................................... 22
9.3 Feature Description...................................................22
9.4 Device Functional Modes..........................................24
10 Application and Implementation................................ 25
10.1 Application Information........................................... 25
10.2 Typical Application.................................................. 25
11 Power Supply Recommendations..............................27
12 Layout...........................................................................28
12.1 Layout Guidelines................................................... 28
12.2 Layout Example...................................................... 28
13 Device and Documentation Support..........................29
13.1 Documentation Support.......................................... 29
13.2 Receiving Notification of Documentation Updates..29
13.3 Support Resources................................................. 29
13.4 Trademarks.............................................................29
13.5 Electrostatic Discharge Caution..............................29
13.6 Glossary..................................................................29
14 Mechanical, Packaging, and Orderable
Information.................................................................... 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (October 2021) to Revision A (December 2021)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
TMUX8212
SCDS434A – OCTOBER 2021 – REVISED DECEMBER 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX8212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com