Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7308FRRPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308FRRPR
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308FRRPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX7308FRRPR Datasheet HTML 18Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 19Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 20Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 21Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 22Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 23Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 24Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 25Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
7.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
Temperature (
C)
0
25
50
75
100
125
-2
0
2
4
6
8
10
12
14
16
VS = -60 V, VD = 15 V
VS = -30 V, VD = 15 V
VS = 60 V, VD = -14 V
VS = 30 V, VD = -14 V
VDD = 15 V, VSS = -15 V
Figure 7-19. ID(FA) Overvoltage Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
-2
0
2
4
6
8
10
12
14
16
VS = -60 V, VD = 20 V
VS = -30 V, VD = 20 V
VS = 60 V, VD = -19 V
VS = 30 V, VD = -19 V
VDD = 20 V, VSS = -20 V
Figure 7-20. ID(FA) Overvoltage Leakage Current vs Temperature
VDD = 12 V, VSS = 0 V
Figure 7-21. ID(FA) Overvoltage Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
-2
0
2
4
6
8
10
12
14
16
VS = -40 V, VD = 36 V
VS = -30 V, VD = 36 V
VS = 60 V, VD = 1 V
VS = 30 V, VD = 1 V
VDD = 36 V, VSS = 0 V
Figure 7-22. ID(FA) Overvoltage Leakage Current vs Temperature
Temperature (
C)
0
25
50
75
100
125
-180
-150
-120
-90
-60
-30
0
30
60
90
120
VS = -60 V
VS = -30 V
VS = 30 V
VS = 60 V
VDD = 15 V, VSS = -15 V
Figure 7-23. IS(FA) Overvoltage Leakage Current vs Temperature
Frequency (Hz)
0.0001
0.0002
0.0003
0.0005
0.001
0.002
0.003
0.005
0.01
0.02
0.03
0.05
0.1
0
4k
8k
12k
16k
20k
VDD = 15 V, VSS = -15 V
VDD = 20 V, VSS = -20 V
VDD = 36 V, VSS = 0 V
VDD = 44 V, VSS = 0 V
Figure 7-24. THD+N vs Frequency
TMUX7308F, TMUX7309F
SCDS403B – FEBRUARY 2021 – REVISED DECEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com