Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9503B093AL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9503B093AL
Description  2ch Step-down DC/DC Controller ICs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503B093AL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9503B093AL Datasheet HTML 1Page - Torex Semiconductor XC9503B093AL Datasheet HTML 2Page - Torex Semiconductor XC9503B093AL Datasheet HTML 3Page - Torex Semiconductor XC9503B093AL Datasheet HTML 4Page - Torex Semiconductor XC9503B093AL Datasheet HTML 5Page - Torex Semiconductor XC9503B093AL Datasheet HTML 6Page - Torex Semiconductor XC9503B093AL Datasheet HTML 7Page - Torex Semiconductor XC9503B093AL Datasheet HTML 8Page - Torex Semiconductor XC9503B093AL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Block Diagram
Absolute Maximum Ratings
Ta=25
OC
* Voltage goes to Ground.
150
OC
mW
- 0.3 ~ 12
- 0.3 ~ VDD + 0.3
PARAMETER
FB1, 2 Pin Voltage
EN1, 2 Pin Voltage
PWM1,2 Pin Voltage
IEXT
±100
mA
Pd
Operating Ambient Temperature
Storage Temperature
EXT1, 2 Pin Voltage
VPWM
VEXT
Topr
V
EXT1, 2 Pin Current
Power Dissipation
V
VEN
- 0.3 ~ 12
V
- 0.3 ~ 12
V
SYMBOL
RATINGS
UNITS
2ch. Step-down DC/DC Controller ICs
XC9503 Series
V
Tstg
OC
- 55 ~ +125
- 40 ~ + 85
VDD Pin Voltage
VFB
VDD
- 0.3 ~ 12
PWM1
+
-
FB1
VDD
EXT1
Vref1 = 0.9V
with Soft Start1,
EN1
+
-
PWM/PFM
Controller 1
Vref2 = 0.9V
with Soft Start 1,
EN2
+
-
PWM/PFM
Controller 2
FB2
GND
EXT2
OSC
Generator
Ramp Wave
Generator 1
Ramp Wave
Generator 2
Error Amp2
Error Amp1
PWM
Comparator2
PWM
Comparator1
EN1
PWM2
EN2
EN1 to
internal circuit
EN2 to
internal circuit
-
+
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com