Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2173CD71ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2173CD71ML
Description  ICs for use with Crystal Oscillators (PLL built-in)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2173CD71ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2173CD71ML Datasheet HTML 1Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 2Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 3Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 4Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 5Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 6Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 7Page - Torex Semiconductor XC2173CD71ML Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICs for use with Crystal Oscillators (PLL built‐in)
Series
1039
14
The XC2173 series are high frequency, low power consumption CMOS
ICs with built-in crystal oscillator, divider and clock multiplier PLL circuits.
Output is selectable from any one of the following values for f0 :
f0 x 5, f0 x 6, f0 x 7, f0 x 8, f0/2, f0/4, f0/8. With an oscillation capacitor &
oscillation feedback resistor built-in, a stable oscillator circuit can be put
together using only an external crystal oscillator.
By connecting an external standard clock, the above mentioned output
frequencies can be achieved.
■General Description
Oscillation Frequency
: 10MHz ~ 25MHz
Divider Ratio
: f0/2, f0/4, f0/8
Multiplier
: f0 x 5, f0 x 6, f0 x 7, f0 x 8
Output
: 3-State
Operating Voltage Range
: 3.3V ±10% and 5.0V ±10%
Small Consumption Current : Stand-by function included*
* oscillation continues in stand-by
Ultra Small Package
: SOT-26 mini mold
GCrystal Oscillation Modules
GComputer, DSP Clocks
GCommunication Equipment
GVarious System Clocks
■Features
■Applications
NCMOS
NOscillation Frequency
: 10MHz ~ 25MHz
NOutput Frequency : 80MHz ~ 160MHz (5.0V)
: 50MHz ~ 125MHz (3.3V)
NDivider Circuit & PLL Circuit Built-In
N3-State Output
NOscillation Capacitor & Oscillation Feedback
Resistor Built-In
NMini Mold SOT-26 Package
■Pin Configuration
■Pin Assignment
1
2
4
3
5
6
/INH
XT
/XT
SOT-26
( TOP VIEW )
PIN
NUMBER
PIN NAME
1
/INH
2
XT
3
4
Qo
5
6
/XT
FUNCTION
Crystal Oscillator Connection (Input)
Power Supply
Crystal Oscillator Connection (Output)
/ Standard Clock Input
GND
* Stand-by control pin has pull-up resistor built-in.
Clock Output
Stand-by control*
VDD
VSS
VDD
QO
VSS
/INH
"H"
"L"
OPEN
"H" = High Level
"L" = Low Level
Divider/Multiplier Output
Q0
Divider/Multiplier Output
High Impedance (Stand-by)
■INH - B, Q0 Pin Function
14S_05XC2173 02.09.12 16:37 ページ 1039


Similar Part No. - XC2173CD71ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2173CD71ML TOREX-XC2173CD71ML Datasheet
222Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
More results

Similar Description - XC2173CD71ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
ICs for use with Crystal Oscillators
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
ICs for use with 3rd Overtone Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
ICs for use with Crystal Oscillators
XC2173 TOREX-XC2173_12 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com