Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3758
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3758 Datasheet HTML 9Page - Analog Devices LT3758 Datasheet HTML 10Page - Analog Devices LT3758 Datasheet HTML 11Page - Analog Devices LT3758 Datasheet HTML 12Page - Analog Devices LT3758 Datasheet HTML 13Page - Analog Devices LT3758 Datasheet HTML 14Page - Analog Devices LT3758 Datasheet HTML 15Page - Analog Devices LT3758 Datasheet HTML 16Page - Analog Devices LT3758 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LT8357
13
Rev. 0
For more information www.analog.com
8357 F02
Figure 2. Average Conducted EMI
8357 F03
Figure 3. Peak Conducted EMI
Frequency Synchronization and Mode Selection
The switching frequency of the LT8357 can also be syn-
chronized to an external clock using the SYNC/MODE
pin. Driving the SYNC/MODE pin with a 50% duty cycle
waveform is always a good choice, otherwise maintain
the duty cycle between 10% and 90%. The high level
of the external clock must be higher than 2.5V, and the
low level must be lower than 0.4V. The frequency range
must be between 100kHz and 2MHz. The RT resistor
is still required in this case, and the resistance should
correspond to the frequency of the external clock. If the
APPLICATIONS INFORMATION
external clock ever stops, the LT8357 will rely on the RT
resistor to set the frequency. When synchronizing to an
external clock, the LT8357 will forbid entering Burst Mode
operation at light load conditions, but instead operate in
the pulse-skipping mode to maintain regulation.
In addition to the frequency synchronization, the LT8357
also provides four operation mode options with the
switching frequency set by the internal oscillator, which
can be selected by programming the SYNC/MODE pin. At
light load conditions, the user can choose either pulse-
skipping mode or Burst Mode operation. The spread
spectrum frequency modulation can also be enabled or
disabled depending on the EMI performance requirement
of the applications. Please refer to the Pin Functions sec-
tion for more details on mode selection.
Programming VIN UVLO
A resistor divider from VIN to the EN/UVLO pin imple-
ments VIN undervoltage lockout (UVLO). The EN/UVLO
enable rising threshold is set at 1.220V (typical) and fall-
ing threshold is set at 1.178V (typical) with 42mV hyster-
esis. The programmable UVLO thresholds are:
VIN(UVLO+) =1.220V•
R1+R2
R2
VIN(UVLO−) =1.178V•
R1+R2
R2
Figure 4 shows the implementation of external shut-down
control while still using the UVLO function. The NMOS
grounds the EN/UVLO pin when turned on, and puts the
LT8357 in shutdown with quiescent current less than 3μA.
R1
R2
EN/UVLO
LT8357
GND
VIN
RUN/STOP
CONTROL
(OPTIONAL)
8357 F04
Figure 4. VIN Undervoltage Lockout (UVLO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com