Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3757 Datasheet(PDF) 3 Page - Analog Devices

Part # LT3757
Description  36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 3 Page - Analog Devices

  LT3757 Datasheet HTML 1Page - Analog Devices LT3757 Datasheet HTML 2Page - Analog Devices LT3757 Datasheet HTML 3Page - Analog Devices LT3757 Datasheet HTML 4Page - Analog Devices LT3757 Datasheet HTML 5Page - Analog Devices LT3757 Datasheet HTML 6Page - Analog Devices LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LT3935
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VEN/UVLO = 5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
3.6
36
V
VIN Pin Quiescent Current
EN/UVLO = 2V, Not Switching
EN/UVLO = 300mV, Shutdown
l
2.7
3.3
16
mA
µA
EN/UVLO Threshold (Falling)
1.09
1.16
1.23
V
EN/UVLO Rising Hysteresis
20
mV
EN/UVLO Pin Hysteresis Current
4
µA
Reference
VREF Voltage
IVREF = 0µA
IVREF = 500µA
l
1.975
1.980
2
1.998
2.020
2.016
V
V
VREF Pin Current Limit
VREF = 1.9V, Current Out of Pin
2
mA
LED Current Regulation
CTRL-Off Threshold (Falling)
l
200
218
233
mV
CTRL-Off Rising Hysteresis
20
mV
CTRL Pin Current
VCTRL = 2V
−100
100
nA
Sense Voltage (VISP−VISN)
(Analog Input)
VCTRL = 2V (100%), VIN = 36V, VISP = 24V
VCTRL = 750mV (50%), VIN = 36V, VISP = 24V
VCTRL = 300mV (5%), VIN = 36V, VISP = 24V
l
l
l
98.5
48.5
4
100
50
5
101.5
51.5
6
mV
mV
mV
ISP Pin Current
VIN = 36V, VISP = 24V, VCTRL = 2V, Current Into Pin
50
µA
ISN Pin Current
VIN = 36V, VISN = 24V, VCTRL = 2V, Current Into Pin
50
µA
ISP/ISN Common Mode Range
VIN = 36V (Note 5)
0
36
V
Current Error Amplifier Transconductance
VIN = 36V, VISP = 24V
200
µA/V
Duty Cycle Control of LED Current
Sense Voltage (VISP−VISN)
(Duty Cycle Input)
CTRL Duty = 75% (100%), VIN = 12V, VISP = 10V
CTRL Duty = 37.5% (50%), VIN = 12V, VISP = 10V
CTRL Duty = 15% (5%), VIN = 12V, VISP = 10V
99
49
4
100
50
5
101
51
6
mV
mV
mV
CTRL Pulse Input High (VIH)
1.6
V
CTRL Pulse Input Low (VIL)
0.4
V
CTRL Pulse Input Frequency Range
100
1000
kHz
Voltage Regulation
FB Regulation Voltage
VISP = VISN = 6V, VCTRL = 2V
l
0.988
1.000
1.012
V
FB Pin Current
VFB = 1V
−100
100
nA
Voltage Error Amplifier Transconductance
480
µA/V
Power Stage
Peak Current Limit
5.6
6.8
7.9
A
Minimum Off-Time
(Note 6)
55
ns
Minimum On-Time
(Note 6)
55
ns
Bottom Switch On-Resistance
40
mΩ
Top Switch On-Resistance
40
mΩ
Oscillator
Programmed Switching Frequency (fSW)
RT = 45.3k, VSYNC/SPRD = 0V
RT = 523k, VSYNC/SPRD = 0V
l
l
1890
180
2000
200
2150
230
kHz
kHz
Spread Spectrum Frequency Range
RT = 45.3k, VSYNC/SPRD = 3.3V
RT = 523k, VSYNC/SPRD = 3.3V
1890
180
2700
290
kHz
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com