Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4449 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4449
Description  150V Dual High-Side MOSFET Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4449 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4449 Datasheet HTML 2Page - Analog Devices LTC4449 Datasheet HTML 3Page - Analog Devices LTC4449 Datasheet HTML 4Page - Analog Devices LTC4449 Datasheet HTML 5Page - Analog Devices LTC4449 Datasheet HTML 6Page - Analog Devices LTC4449 Datasheet HTML 7Page - Analog Devices LTC4449 Datasheet HTML 8Page - Analog Devices LTC4449 Datasheet HTML 9Page - Analog Devices LTC4449 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC7067
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Propagation Delay vs
Temperature
G1/G2 Pull-Up and Pull-Down
Resistance vs Temperature
G1/G2 Pull-Up and Pull-
Down Resistance vs Floating
Supply Voltage
TA = 25°C, unless otherwise noted.
tPDLH(G1)
tPDHL(G1)
tPDLH(G2)
tPDHL(G2)
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
10
15
20
25
30
35
40
Propagation Delay vs Temperture
7067 G10
G1VCC = G2VCC = 10V
G1RTN = G2RTN = 0V
RUP(G1)
RDOWN(G1)
RUP(G2)
RDOWN(G2)
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
0
1
2
3
Resistance vs Temperature
7067 G11
RUP(G1)
RDOWN(G1)
RUP(G2)
RDOWN(G2)
VG1VCC-G1RTN, VG2VCC-G2RTN (V)
4
6
8
10
12
14
0
1
2
3
7067 G12
Propagation Delay
vs Floating Supply Voltage
tr(G1)
tf(G1)
tr(G2)
tf(G2)
VG1VCC-G1RTN, VG2VCC-G2RTN (V)
4
5
6
7
8
9 10 11 12 13 14
10
15
20
25
30
35
40
vs Floating Supply Voltage
7067 G09
Rise and Fall Time
vs Floating Supply Voltage
Rise and Fall Time
vs Load Capacitance
CLOAD = 3.3nF
tr(G1)
tf(G1)
tr(G2)
tf(G2)
VG1VCC-G1RTN, VG2VCC-G2RTN, (V)
4
5
6
7
8
9 10 11 12 13 14
10
12
14
16
18
20
22
24
26
28
30
7067 G07
VCC = G1VCC = G2VCC = 10V
G1RTN = G2RTN = 0V
tr(G1)
tf(G1)
tr(G2)
tf(G2)
LOAD CAPACITANCE (nF)
1
10
30
5
10
100
200
vs Load Capacitance
7067 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com