Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8335 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8335
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices LT8335 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LT8357
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Voltage vs Temperature
INTVCC Voltage vs VIN
INTVCC UVLO Threshold vs
Temperature
Oscillator Frequency vs
Temperature
Minimum On-Time vs
Temperature
Minimum Off-Time vs
Temperature
Minimum/Maximum Duty Cycle
vs Oscillator Frequency
Normalized Oscillator Frequency
vs FB Voltage
PGOOD Threshold vs Temperature
TA = 25˚C, unless otherwise noted.
IINTVCC = 0mA
IINTVCC = 20mA
IINTVCC = 40mA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.85
4.90
4.95
5.00
5.05
5.10
5.15
8357 G10
IINTVCC = 20mA
VIN (V)
0
10
20
30
40
50
60
4.85
4.90
4.95
5.00
5.05
5.10
5.15
8357 G11
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.40
2.45
2.50
2.55
2.60
2.65
2.70
8357 G12
RT = 15.0k
RT = 95.3k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
8357 G13
RT = 15.0k
RT = 95.3k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
30.0
60.0
90.0
120.0
150.0
8357 G14
RT = 15.0k
RT = 95.3k
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
30
60
90
120
150
8357 G15
MAXIMUM DUTY CYCLE
MINIMUM DUTY CYCLE
OSCILLATOR FREQUENCY (MHz)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2.0
0
10
20
30
40
50
60
70
80
90
100
8357 G16
FB VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
120
8357 G17
LOWER RISING
UPPER RISING
UPPER FALLING
LOWER FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–15
–10
–5
0
5
10
15
8357 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com