Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3871 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3871
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3871 Datasheet HTML 16Page - Analog Devices LTC3871 Datasheet HTML 17Page - Analog Devices LTC3871 Datasheet HTML 18Page - Analog Devices LTC3871 Datasheet HTML 19Page - Analog Devices LTC3871 Datasheet HTML 20Page - Analog Devices LTC3871 Datasheet HTML 21Page - Analog Devices LTC3871 Datasheet HTML 22Page - Analog Devices LTC3871 Datasheet HTML 23Page - Analog Devices LTC3871 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC7106
24
Rev A
For more information www.analog.com
D16851-0-4/18(A)
www.analog.com
©
ANALOG DEVICES, INC. 2017-2018
RELATED PARTS
TYPICAL APPLICATION
Figure 12. Margining a LT8640S from 1.8V to 1.5V at 6A
GPO
1µF
10k
10k
10k
LTC7106
VDD
GND
SDA
SCL
ALERT
GPO
ASEL0
ASEL1
VDD
2.5V TO 5.5V
SDA
ALERT
SCL
0µA TO 50µA
EN
IDAC
7106 F12
PMBus INTERFACE
1µF
EXTERNAL
SOURCE >3.1V
OR GND
10k
LT8640S
SW
VIN
EN/UV
BIAS
RT
FB
GND
10pF
100µF
1210
X5R/X7R
6.04k
VOUT
1.8V
6A
4.7µF
VIN
3.4V TO 22V
(42V TRANSIENT)
17.8k
1µH
6.98k
fSW = 2MHz
L: XEL6030
PART NUMBER
DESCRIPTION
COMMENTS
LTC3605/LTC3605A
20V, 5A Synchronous Step-Down Regulator
4V < VIN < 20V, 0.6V < VOUT < 20V, 96% Maximum Efficiency,
4mm × 4mm QFN-24 Package
LTC3626
20V, 2.5A Synchronous Step-Down Regulator with Current
and Temperature Monitoring
95% Efficiency, VIN: 3.6V to 20V, VOUT(MIN) = 0.6V, IQ = 300µA,
ISD < 15µA, 3mm × 4mm QFN-20
LTC3636
20V, Dual 6A Synchronous Step-Down Regulator
95% Efficiency, VIN: 3.1V to 17V, VOUT(MIN) = 0.6V, IQ < 8µA (Both
Channels Enabled), ISD < 1µA, 3mm × 5mm QFN-24 Package
LTC3779
150V VIN and VOUT Synchronous 4-Switch Buck-Boost
DC/DC Controller
4.5V ≤ VIN ≤ 150V, Input or Output Average Current Loop, PLL,
TSSOP-38 Package
LTC3784
Low IQ, Multiphase, Dual Channel Single Output
Synchronous Step-Up DC/DC Controller
4.5V (Down to 2.5V After Start-Up) ≤ VIN ≤ 60V, VOUT Up to 60V,
PLL Fixed Frequency 50kHz to 900kHz , IQ = 28µA
LTC3807
38V, Low IQ, Synchronous Step-Down Controller with
24V Output Voltage Capability
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 24V, IQ = 50µA
LTC3871
100V Bidirectional PolyPhase® Buck or Boost Controller
Dynamic Regulation of VIN, VOUT and Current, PLL, Current Monitor,
48-Lead LQPF Package
LTM®4636
40A DC/DC µModule Step-Down Regulator
Complete 40A Switch Mode Power Supply, 4.75V ≤ VIN ≤ 15V, 0.6V
≤ VOUT ≤ 3.3V, 16mm × 16mm × 7.12mm BGA
LTC7150S
20V, 20A Synchronous Step-Down Regulator
93% Efficiency, VIN: 3.1V to 20V, VOUT(MIN) = 0.6V, Output Remote
Sense, 42-Lead 6mm × 5mm × 1.3mm BGA Package
LT®8640S
42V, 6A Synchronous Step-Down Silent Switcher®2
IQ = 2.5µA, VIN(MIN) = 3.4V, VOUT(MAX) = 42V, VOUT(MIN) = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com