Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-418-MHW-RPS-L Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-418-MHW-RPS-L
Description  MHW Series dipole antennas feature a durable, unobtrusive housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-418-MHW-RPS-L Datasheet(HTML) 1 Page - Linx Technologies

  ANT-418-MHW-RPS-L Datasheet HTML 1Page - Linx Technologies ANT-418-MHW-RPS-L Datasheet HTML 2Page - Linx Technologies ANT-418-MHW-RPS-L Datasheet HTML 3Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Revised 3/22/13
Product Description
MHW Series dipole antennas feature a durable,
unobtrusive housing that sticks permanently with
integral adhesive to flat, non-conductive surfaces
such as windows, drywall, ceiling tiles, plastic,
etc. The antennas are well suited to low-power
devices, but are capable of operation at levels to
10 watts. The MHW is supplied with either 79"
[2m] or 180" [4.6m] of RG-174 cable and attaches
via a standard SMA or Part 15 compliant RP-SMA
connector. Custom cable lengths and connectors
are available for volume OEM customers.
Features
• Compact & unobtrusive
• Adhesive for flat surfaces
• Excellent performance
• Omni-directional pattern
• Very low VSWR
• Two flexible radiating elements
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant
RP-SMA connector
Electrical Specifications
Center frequency:
418MHz
Recommended Oper. Freq:
408–428MHz
Wavelength:
½-wave
VSWR:
 1.9 typical at center
Peak Gain:
2.1dBi
Impedance:
50-ohms
Connection:
SMA or RP-SMA
Cable:
79" or 180" RG-174 coax
ANT-418-MHW-xxx-x
Data Sheet
by
Ordering Information
ANT-418-MHW-RPS-L (RP-SMA connector, 180" [4.6m] coax)
ANT-418-MHW-RPS-S (RP-SMA connector, 79" [2m] coax)
ANT-418-MHW-SMA-L (SMA connector, 180" [4.6m] coax)
ANT-418-MHW-SMA-S (SMA connector, 79" [2m] coax)
0.30"
[7.6]
5.91"
[150]
0.38"
[9.7]
2.28"
[58.0]
0.22"
[5.5]
1.34"
[34.0]
0.61"
[15.5]
0.31"
[8.0]
(
)
(
)


Similar Part No. - ANT-418-MHW-RPS-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-418-MHW-RPS-L ETC2-ANT-418-MHW-RPS-L Datasheet
162Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
More results

Similar Description - ANT-418-MHW-RPS-L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-ANT-G01E TI-RI-ANT-G01E Datasheet
298Kb / 5P
SERIES 2000 ANTENNAS
logo
Bud Industries, Inc.
DMB-4770 BUD-DMB-4770 Datasheet
85Kb / 2P
Durable UL94V-??0 rated ABS/PC blend plastic housing
logo
A-Data Technology
UD310 A-DATA-UD310 Datasheet
447Kb / 1P
DashDrive??Durable UD310
logo
List of Unclassifed Man...
BU-4444-A-24-0 ETC2-BU-4444-A-24-0 Datasheet
177Kb / 1P
Durable brass over-molded with polypropylene housing
BU-4444-A-36-0 ETC2-BU-4444-A-36-0 Datasheet
177Kb / 1P
Durable brass over-molded with polypropylene housing
logo
Texas Instruments
RI-ANT-G01E TI1-RI-ANT-G01E_16 Datasheet
267Kb / 7P
SERIES 2000 ANTENNAS
logo
P-tec Corporation
PLH0402-YDW01 P-TEC-PLH0402-YDW01 Datasheet
1,018Kb / 11P
Durable and Rugged RoHS Compliant
PLH3535-WCUV02 P-TEC-PLH3535-WCUV02 Datasheet
801Kb / 8P
Durable and Rugged
logo
Linx Technologies
ANT-418-PW-LP LINX-ANT-418-PW-LP Datasheet
411Kb / 2P
The LP Series antennas utilize a helical element
12/4/13
ANT-868-PW-LP LINX-ANT-868-PW-LP Datasheet
417Kb / 2P
The LP Series antennas utilize a helical element
12/4/13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com