Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP183GS Datasheet(PDF) 14 Page - Analog Devices

Part # OP183GS
Description  5 MHz Single-Supply Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183GS Datasheet(HTML) 14 Page - Analog Devices

Back Button OP183GS Datasheet HTML 8Page - Analog Devices OP183GS Datasheet HTML 9Page - Analog Devices OP183GS Datasheet HTML 10Page - Analog Devices OP183GS Datasheet HTML 11Page - Analog Devices OP183GS Datasheet HTML 12Page - Analog Devices OP183GS Datasheet HTML 13Page - Analog Devices OP183GS Datasheet HTML 14Page - Analog Devices OP183GS Datasheet HTML 15Page - Analog Devices OP183GS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
OP183
Rev. D | Page 14 of 16
LOW VOLTAGE HEADPHONE AMPLIFIERS
Figure 36 shows a stereo headphone output amplifier for the
AD1849 16-bit SoundPort® Stereo Codec device. The
pseudoreference voltage is derived from the common-mode
voltage generated internally by the AD1849, thus providing a
convenient bias for the headphone output amplifiers.
OP183
OP183
OP183
5V
5k
Ω
OPTIONAL
GAIN
1k
Ω
VREF
L VOLUME
CONTROL
16
Ω 220μF
47k
Ω
HEADPHONE
LEFT
5V
R VOLUME
CONTROL
5k
Ω
OPTIONAL
GAIN
1k
Ω
VREF
16
Ω 220μF
47k
Ω
HEADPHONE
RIGHT
AD1849
20
19
21
LOUT1L
LOUT1R
CMOUT
VREF
10
μF
10k
Ω
10k
Ω
10
μF
Figure 36. Headphone Output Amplifier for Multimedia Sound Codec
LOW NOISE MICROPHONE AMPLIFIER FOR
MULTIMEDIA
The OP183 is ideally suited as a low noise microphone preamp
for low voltage audio applications. Figure 37 shows a gain of 100
stereo preamp for the AD1849 16-bit SoundPort Stereo Codec
chip. The common-mode output buffer serves as a phantom
power driver for the microphones.
OP183
OP183
5V
10k
Ω
10k
Ω
AD1849
18
19
17
MINL
MINR
CMOUT
1/2
OP219
5V
100
Ω
100
Ω
10k
Ω
10k
Ω
50
Ω
10
μF
50
Ω
10
μF
20
Ω
20
Ω
RIGHT
ELECTRET
CONDENSER
MIC
INPUT
LEFT
ELECTRET
CONDENSER
MIC
INPUT
Figure 37. Low Noise Stereo Microphone Amplifier for
Multimedia Sound Codec
3 V 50 HZ/60 HZ ACTIVE NOTCH FILTER WITH
FALSE GROUND
To process ac signals, it may be easier to use a false-ground bias
rather than the negative supply as a reference ground. This
would reject the power line frequency interference which can
often obscure low frequency physiological signals, such as heart
rates, blood pressures, EEGs, and ECGs.
Figure 38 shows a 50 Hz/60 Hz active notch filter for
eliminating line noise in patient monitoring equipment. It has
several kilohertz bandwidth and is not sensitive to false-ground
perturbations. The simple false-ground circuit shown achieves
good rejection of low frequency interference using standard off-
the-shelf components.
4
5
3
1
2
A1
8
7
6
OP183
4
1
3
A3
R1
2.67k
Ω
3V
C1
1
μF
R3
2.67k
Ω
C2
1
μF
R4
2.67k
Ω
R2
2.67k
Ω
R5
1.33k
Ω
(2.67k
Ω÷ 2)
C3
1
μF
(1
μF × 2)
R8
1k
Ω
R7
1k
Ω
C5
0.015
μF
R12
70
Ω
R11
10k
Ω
0.75V
C6
1
μF
R10
25k
Ω
C4
1
μF
R9
75k
Ω
3V
VIN
R6
10k
Ω
VO
A2
OP183
OP183
Q = 0.75
NOTE:
FOR 50Hz APPLICATIONS
CHANGE R1–R4 TO 3.1
Ω
AND R5 TO 1.58
Ω (3.16Ω÷ 2).
Figure 38. 3 V Supply 50 Hz/60 Hz Notch Filter with Pseudo Ground
Amplifier A3 biases A1 and A2 to the middle of their input
common-mode range. When operating on a 3 V supply, the
center of the common-mode range of the OP183 is 0.75 V. This
notch filter effectively squelches 60 Hz pickup at a filter Q of
0.75. To reject 50 Hz interference, change the resistors in the
twin-T section (R1 through R5) from 2.67 kΩ to 3.16 kΩ.
The filter section uses OP183 op amps in a twin-T
configuration whose frequency selectivity is very sensitive to
the relative matching of the capacitors and resistors in the twin-
T section. Mylar is the material of choice for the capacitors, and
the relative matching of the capacitors and resistors determines
the filter’s pass-band symmetry. Using 1% resistors and 5%
capacitors produces satisfactory results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com