Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB6DF3 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB6DF3
Description  Head for illuminated push button, Harmony XB6, green rectang flush pushbutton 횠 16 latching integral LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB6DF3 Datasheet(HTML) 2 Page - Schneider Electric

  ZB6DF3 Datasheet HTML 1Page - Schneider Electric ZB6DF3 Datasheet HTML 2Page - Schneider Electric ZB6DF3 Datasheet HTML 3Page - Schneider Electric ZB6DF3 Datasheet HTML 4Page - Schneider Electric ZB6DF3 Datasheet HTML 5Page - Schneider Electric ZB6DF3 Datasheet HTML 6Page - Schneider Electric ZB6DF3 Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NEMA degree of protection
NEMA 13 UL 50
NEMA 4 UL 50
NEMA 4X UL 50
NEMA 13 CSA C22.2 No 94
NEMA 4 CSA C22.2 No 94
NEMA 4X CSA C22.2 No 94
Standards
EN/IEC 60947-1
CSA C22.2 No 14
EN/IEC 60947-5-5
UL 508
EN/IEC 60947-5-1
JIS C 852
JIS C8201-5-1
JIS C8201-1
Product Certifications
CCC
CSA
GOST
UL
Vibration resistance
+/- 3 mm 2…500 Hz)IEC 60068-2-6
5 gn 2…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
Category
22459 - PUSHBUTTONS, 16MM
Discount Schedule
CS2
GTIN
3389110776263
Nbr. of units in pkg.
1
Package weight(Lbs)
0.28 oz (8 g)
Returnability
Yes
Country of origin
ES
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.79 in (2 cm)
Package 1 width
4.33 in (11 cm)
Package 1 Length
4.33 in (11 cm)
Unit Type of Package 2
S01
Number of Units in Package 2
80
Package 2 Weight
29.70 oz (842 g)
Package 2 Height
5.91 in (15 cm)
Package 2 width
5.91 in (15 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP),
which is known to the State of California to cause birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
2
Jan 21, 2022



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com