Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPSU21 Datasheet(PDF) 2 Page - IOGEAR

Part # GPSU21
Description  USB 2.0 Print Server, 1-Port(TAA Compliance)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GPSU21 Datasheet(HTML) 2 Page - IOGEAR

  GPSU21 Datasheet HTML 1Page - IOGEAR GPSU21 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
Windows® 10, Windows® 8.1, Windows® 8, Windows® 7,
Windows Vista® , Windows XP®
Mac OS 10.3.9 or later
Unix/Linux
Printer with USB connection
DHCP server on the network
Package Contents
1 x 1-Port USB 2.0 Print Server
1 x CAT5 Patch Cable
1 x Power Adapter
1 x User Manual
1 x Warranty / Registration Card
Specifications
Function
GPSU21
Cable Length
6 Feet
Network Protocol
IPX, TCP/IP, NETBUEI, APPLETALK, lpr,
smb (Over IP)
Cable Type
CAT5
Network Interface
10/100Mbps RJ45
Printer Connection
USB 2.0, USB 1.1
Standards
IEEE 802.3 10Base-T; IEEE 802.3u 100Base-
T; USB 2.0
Management
Web, Telnet, PSAdmin, SNMP
Dimensions
GPSU21
Unit Dimensions
Height
1 in. (2.54 cm)
Length
2.5 in. (5.72 cm)
Width
2.4 in. (6.096 cm)
Unit Package Dimensions
Height
5.5 in. (14cm)
Width
8 in. (20.32cm)
Depth
2.625 in. (6.6cm)
Master Carton
Height
12.375 in. (31.41cm)
Width
8.875 in. (22.52cm)
Depth
17.5 in. (44.45cm)
Master Carton Qty.
12
Weight
Master Carton Wt.
14.05 lb. (6.37 Kg)
Unit Pack Wt.
1.05 lb. 0.47 Kg)
Unit Wt.
0.12 lbs (0.05 Kg)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com