Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8006 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCS8006
Description  High-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8006 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCS8006 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPCS8006
2004-07-06
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2a)
Rth (ch-a)
83.3
°C/W
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2b)
Rth (ch-a)
208
°C/W
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2:
a)
Device mounted on a glass-epoxy board (a)
b)
Device mounted on a glass-epoxy board (b)
Note 3: VDD = 50 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 Ω, IAR = 1.1 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5: ○ on lower right of the marking indicates Pin 1.
※
Weekly code:
(Three digits)
Week of manufacture
(01 for the first week of a year: sequential number up to 52 or 53)
Year of manufacture
(The last digit of a year)
(b)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(a)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
S8006
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com