Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN151 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LN151
Description  GaAs Infrared Light Emitting Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN151 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LN151 Datasheet HTML 1Page - Panasonic Semiconductor LN151 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Infrared Light Emitting Diodes
LN151F, LN151L
IF — Ta
120
100
80
60
40
20
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IFP — Duty cycle
10 2
10
1
10 –1
Duty cycle (%)
110
10 2
10 –2
10 –1
tw = 10µs
Ta = 25˚C
IFP — VF
10 3
10 2
10
1
10 –1
Forward voltage
V
F (V)
10 –2
0
tw = 10µs
f = 100Hz
Ta = 25˚C
135
24
VF — Ta
1.6
1.2
0.8
0.4
0
Ambient temperature
Ta (˚C )
– 40
0
40
80
120
∆P
O — IFP
10 3
10 2
10
1
Pulse forward current
I
FP (mA)
10 3
10 4
10 2
10 –2
10 –1
110
(1) tw = 10µs
Duty Cycle = 0.1%
(2) DC
Ta = 25˚C
∆P
O — Ta
10
1
Ambient temperature
Ta (˚C )
IF = 50mA
– 40
0
40
80
10 –1
Spectral characteristics
100
80
60
40
20
Wavelength
λ (nm)
850
900
950
1000
1050
1100
0
800
IF = 100mA
Ta = 25˚C
0˚
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
Directivity characteristics
Frequency characteristics
10 2
10
1
10 –1
Frequency
f (kHz)
10 3
10 4
10 2
10 –2
10
Ta = 25˚C
90
100
80
70
60
50
40
30
2 0
LN151L
LN151F
(1)
(2)
IF = 100mA
50mA
10mA
Ta = 25˚C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com