Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4POSTRAILKITHD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # 4POSTRAILKITHD
Description  SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

4POSTRAILKITHD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  4POSTRAILKITHD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved 4POSTRAILKITHD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
SmartRack Mounting Rail Kit - enables 4-Post
Rackmount Installation of select UPS Systems
MODEL NUMBER: 4POSTRAILKITHD
Description
Tripp Lite's 4POSTRAILKITHD is an adjustable rackmount shelf system that supports heavy UPS systems
in 4-post rackmount applications. Includes one pair of expandable "L bracket" mounting rails to offer front-
to-rear support of select rackmount UPS systems, or other heavy pieces of networking or power protection
equipment with a 17.5-in. wide rectangular chassis. A pair of expandable "L brackets" adjust to any setting
between 20.5 and 36 in. The kit includes mounting hardware compatible with square-hole racks. Supports
up to 500 lbs (226.8 kgs)
Features
An adjustable rackmount shelf system that supports heavy UPS systems in 4-post rackmount
applications
q
Includes one pair of expandable "L bracket" mounting rails to offer front-to-rear support of rackmount
UPS systems
q
Expandable "L brackets" adjust to any setting between 20.5 and 36 inches
q
Includes mounting hardware compatible with square-hole racks
q
Compatible with other heavy pieces of networking or power protection equipment with a 17.5-in. wide
rectangular chassis
q
Supports up to 500 lbs (226.8 kgs)
q
Highlights
Supports heavy UPS systems in
4-post rackmount applications
q
Adjustable to any setting
between 20.5 and 36 in.
q
Square-hole rack attachment
hardware is included
q
Supports a UPS chassis up to
500 lbs (226.8 kgs)
q
Package Includes
Pair of expandable L brackets
q
Attachment hardware
q
OVERVIEW
UPC Code
037332182999
1 / 2


Similar Part No. - 4POSTRAILKITHD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
4POSTRAILKIT1U TRIPPLITE-4POSTRAILKIT1U Datasheet
484Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit
4POSTRAILKITWM TRIPPLITE-4POSTRAILKITWM Datasheet
165Kb / 2P
4-Post 1U Universal Adjustable Rack-Mount Shelf Kit for Wall-Mount Racks
More results

Similar Description - 4POSTRAILKITHD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2-9USTAND ETC2-2-9USTAND Datasheet
483Kb / 3P
Enables Tower Placement of Rackmount UPS Systems
logo
Tripp Lite. All Rights ...
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
UPSWM TRIPPLITE-UPSWM Datasheet
472Kb / 2P
Wall-Mount Bracket and Installation Accessories for select UPS Systems
SRVRTRAIL23 TRIPPLITE-SRVRTRAIL23 Datasheet
489Kb / 2P
SmartRack 23 in. Wide Mounting Rail Kit
BP72V15-2U TRIPPLITE-BP72V15-2U Datasheet
153Kb / 2P
External 72V 2U Rackmount Battery Pack for select Tripp Lite UPS Systems
BP192V5RT2U TRIPPLITE-BP192V5RT2U Datasheet
158Kb / 3P
External 192V 2U Rackmount Battery Pack for select Tripp Lite UPS Systems
RBC12A TRIPPLITE-RBC12A Datasheet
162Kb / 2P
UPS Replacement Battery Cartridge Kit (2 sets of 4) for select APC UPS
4POSTRAILSM TRIPPLITE-4POSTRAILSM Datasheet
162Kb / 2P
4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com