Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSC32ACW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSC32ACW
Description  Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, White
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC32ACW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSC32ACW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC32ACW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CSC32ACW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved CSC32ACW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi-Device Charging Cart, 32 AC Outlets,
Chromebooks and Laptops, Wall-Mount Option,
White
MODEL NUMBER: CSC32ACW
Locking steel cart provides AC charging, secure storage and cord management for up to 32 Chromebooks
and laptops. Recommended for education, office, commercial, retail, industrial and healthcare
environments.
Description
The CSC32ACW 32-Device AC Charging Station Cart provides AC charging, secure storage and cord
management for up to 32 Chromebooks and laptops. It's recommended for education, office, commercial,
retail, industrial and healthcare environments.
32 AC outlets provide convenient charging for Chromebooks and laptops with a screen size up to 15
inches. Their AC adapters plug into the cart's 32 NEMA 5-15R outlets as needed, up to 1,440 total watts.
The CSC32ACW also charges tablets and other USB devices through their power adapters. A built-in
circuit breaker protects against overloads. The 10-ft. (3.05 m) AC input cord with NEMA 5-15P plug
reaches distant outlets to help you place the cart in a convenient location.
The cart promotes comprehensive device protection with steel construction and a white powder-coated
finish for long-term durability. It locks with the included keys to help prevent device theft, damage or
tampering, and flow-through ventilation helps prevent overheating.
The cart also encourages clutter-reducing organization of devices and cabling. AC outlets, power adapters
and cords store out of sight. Toolless trim panels permit quick service access.
When moving devices from room to room, the cart provides convenient mobility. Large swivel casters with
non-marking wheels improve the ride over uneven surfaces and lock to help prevent unwanted movement
at rest. The reversible wide-grip handle assists cart control.
The cart is easy to configure. It ships ready for quick, easy installation, and the handle and cord wrap
attach on either side. The split front doors open 180 degrees for improved device and service access.
Rear-panel slots support optional wall-mount installation, and removable shelf dividers accommodate
thicker devices.
Features
Convenient ChargingCharges 32 Chromebooks and laptops up to 15 in. screen sizeDevice power
adapters plug into NEMA 5-15R outlets (up to 1,440 watts total)Also charges tablets and other USB
devices through their power adaptersBuilt-in circuit breaker protects against overloads10-ft. (3.05 m) AC
input cord with NEMA 5-15P plug reaches distant outlets
Comprehensive ProtectionSturdy steel construction and powder-coated finish promote long-term
durabilityDoors lock with included keys to help prevent device theft, damage or tampering3-point locking
mechanism latches doors at top, middle and bottomBuilt-in hasp and user-supplied padlock can replace or
supplement built-in lockRear ports accommodate user-supplied bicycle cable or chain lockFlow-through
Highlights
Charges 32 Chromebooks and
laptops up to 15 in. screen size
q
Secures devices in locking,
vented, wall-mountable steel
cart
q
Protective shelves with
removable dividers and cord
management
q
Wide-grip handle and locking
casters with non-marking
wheels
q
Ships ready for quick, easy
installation
q
Package Includes
CSC32ACW 32-Device AC
Charging Station Cart, White
q
Cart handle
q
Input cord wrap
q
Hex key
q
Mounting hardware for handle
and cord wrap
q
(2) Keys
q
Owner’s manual
q
1 / 4


Similar Part No. - CSC32ACW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
More results

Similar Description - CSC32ACW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSC16ACW TRIPPLITE-CSC16ACW Datasheet
167Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, White
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com