Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSHANDLEKIT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSHANDLEKIT
Description  Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for Tablet/Chromebook Charging Stations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSHANDLEKIT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSHANDLEKIT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSHANDLEKIT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mobile Cart Conversion Kit with Handle, Casters
and Power Cord Manager for Tablet/Chromebook
Charging Stations
MODEL NUMBER: CSHANDLEKIT
Adds a reversible handle, rolling caster wheels and a power cord manager to select AC and USB
tablet/Chromebook charging stations. Ideal for schools, offices and other locations where multiple tablets
or Chromebooks are used.
Description
The CSHANDLEKIT Mobile Cart Conversion Kit includes a reversible handle, rolling caster wheels and
power cord manager that easily attach to your AC or USB charging station.* Perfect for schools, offices,
warehouses, healthcare facilities and other locations where multiple tablets or Chromebooks are used
regularly, the CSHANDLEKIT allows for smooth mobility of your charging station. The four rolling casters
are non-marking for environments where this is mandatory, and two of the casters lock into place for
maximum stability at rest. The casters, easy-grip handle and convenient power cord manager mount to
the charging station using the included hardware. The CSHANDLEKIT supports a maximum load capacity
of 350 lbs (158.8 kgs).
*CS16USB charging stations excluded
Features
Converts Your AC or USB Tablet/Chromebook Charging Station Into a Mobile Cart*
Adds reversible handle, rolling caster wheels and power cord manager to your charging station
q
Ideal for schools, offices, warehouses, healthcare facilities and other locations where multiple tablets or
Chromebooks are used regularly
q
Supports a maximum load capacity of 350 lbs (158.8 kgs)
q
2 swivel/locking casters and 2 swivel-only casters—all are non-marking
q
Comes with all necessary installation hardware
q
Highlights
Converts an AC or USB
charging station into a mobile
cart*
q
Supports maximum load
capacity of 350 lbs (158.8 kgs)
q
Includes reversible handle and
power cord manager
q
Includes 2 swivel/locking casters
and 2 swivel-only casters
q
Comes with all necessary
installation hardware
q
Package Includes
Reversible handle
q
Power cord manager
q
(4) Non-marking casters, 4 in.
q
(2) Caster-mounting brackets
q
(2) Handle-mounting brackets
q
(12) M5 screws
q
(12) M5 locking washers
q
(16) M6 screws
q
(16) M6 locking washers
q
(16) M6 flat washers
q
Owner's Manual
q
1 / 2


Similar Part No. - CSHANDLEKIT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CSHANDLEKIT2 TRIPPLITE-CSHANDLEKIT2 Datasheet
176Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for 16-Device AC and USB Charging Stations
More results

Similar Description - CSHANDLEKIT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRSKIRT3 TRIPPLITE-SRSKIRT3 Datasheet
471Kb / 2P
SmartRack Enclosure Skirt Kit - use with 3 in. casters
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
logo
Shenzhen Huazhimei Semi...
HM5805B HMSEMI-HM5805B Datasheet
739Kb / 7P
1A switch charging and discharging mobile power management solution
HM5822 HMSEMI-HM5822 Datasheet
1Mb / 8P
Mobile power / charging treasure
logo
Tripp Lite. All Rights ...
CSHANDLEKIT2 TRIPPLITE-CSHANDLEKIT2 Datasheet
176Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for 16-Device AC and USB Charging Stations
CSC36DM TRIPPLITE-CSC36DM Datasheet
43Kb / 2P
Display Mount Adapter Kit for 36-Device AC Charging Station Cart
logo
Kendall Howard
ESD-EVH-1000 KENDALLHOWARD-ESD-EVH-1000 Datasheet
537Kb / 1P
MOBILE ESD CART
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com