Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR1732DAL Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # DDR1732DAL
Description  Dual-Display Flex-Arm Mount for 13??to 34??Monitors - Clamp or Grommet, USB, Audio Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1732DAL Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  DDR1732DAL Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1732DAL Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2022 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Device Compatibility
Monitor/HDTV
PHYSICAL
Material of Construction
Aluminum
Color
Silver
VESA Pattern (mm)
75x75; 100x100
Motion
Full
Mounting Location
Desk Clamp; Grommet
Degrees of Motion
-90/+90 for Tilt, Swivel and Rotate
Minimum Screen Size (in.)
13
Minimum Screen Size (cm)
33.02
Maximum Screen Size (in.)
34
Maximum Screen Size (cm)
86.4
Maximum Weight Capacity (lbs.)
19.8
Maximum Weight Capacity (kg)
9
Number of Displays
2
Unit Dimensions (hwd / in.)
12.8 x 22.1 x 4.9
Unit Dimensions (hwd / cm)
32.5 x 56.1 x 12.4
Unit Weight (lbs.)
19.8
Unit Weight (kg)
8.98
FEATURES & SPECIFICATIONS
Cord Management
Yes
Antimicrobial
No
Tools Necessary
Yes
STANDARDS & COMPLIANCE
Certification & Compliance
RoHS3; REACH
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com