Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUE310 Datasheet(PDF) 1 Page - IOGEAR

Part # GUE310
Description  USB 3.0 BoostLinq - 33ft (10m), USB 3.0 Extender (TAA Compliant)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GUE310 Datasheet(HTML) 1 Page - IOGEAR

  GUE310 Datasheet HTML 1Page - IOGEAR GUE310 Datasheet HTML 2Page - IOGEAR GUE310 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GUE310
USB 3.0 BoostLinq - 33ft
(10m), USB 3.0 Extender
(TAA Compliant)
USB Extension Cable 33ft (10m)
The IOGEAR TAA Compliant USB 3.0 BoostLinq extension cable is the perfect solution to extend the reach of any USB-connected
device for a seamless interoperative connection between USB 3.0 hosts and peripherals. This versatile male to female cable is
capable of extending a USB 3.0 connection up to 33 feet while maintaining an optimal SuperSpeed data transfer rate of 5Gbps. The
BoostLinq is an active cable, which means it uses active built-in electronics to amplify USB 3.0 signals and maintain USB 3.0
SuperSpeed data transfers over an extended distance, with no loss of data integrity or signal quality. This powerful cable features
integrated microchips along its entire length to guarantee end-to-end optimal performance. The cable has a USB Type A male and a
Type A female connector. The USB A connector is the rectangular shaped plug found on PC's, hubs, and many other host interfaces.
The BoostLinq increases the length of your device cable from your USB host computer and provides another female A connector up
to 33 feet away for all your USB needs.
Extend a USB 3.0 SuperSpeed device connection up to 33ft
Built-in booster chipset amplifies USB 3.0 signals for robust
performance
USB 3.0 transfer rates of up to 5Gbps for the best data transmission
Up to 10x faster than USB 2.0
Plug & Play design-no drivers or power supply needed
Daisy chain up to 5 BoostLinqs to reach a maximum distance of
165ft*
Backwards compatible with USB 2.0 and 1.1 devices
TAA compliant
*Requires optional power supply


Similar Part No. - GUE310

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUE2118 IOGEAR-GUE2118 Datasheet
137Kb / 3P
USB 2.0 Booster Extension Cable - 39ft (TAA Compliant)
GUE216 IOGEAR-GUE216 Datasheet
124Kb / 2P
USB 2.0 Booster Extension Cable - 16ft
More results

Similar Description - GUE310

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3023001-01M QUALTEK-3023001-01M Datasheet
636Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023003-01M QUALTEK-3023003-01M Datasheet
609Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
USB 3.0 A/M - USB 3.0 A/M
3023015-02M QUALTEK-3023015-02M Datasheet
606Kb / 1P
USB 3.0 A/M - USB 3.0 B/M
logo
Glenair, Inc.
963-012 GLENAIR-963-012 Datasheet
205Kb / 1P
USB 3.0
logo
List of Unclassifed Man...
12.04.1080 ETC2-12.04.1080 Datasheet
151Kb / 2P
ROLINE USB 3.0 Aktives Repeater Kabel, 10m
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
USB 3.0
LI-USB30-MIPI-TESTER LEOPARD-LI-USB30-MIPI-TESTER Datasheet
726Kb / 3P
USB 3.0
logo
IOGEAR
GUCE51 IOGEAR-GUCE51 Datasheet
141Kb / 3P
USB Ethernet Extender (TAA Compliance)
GUCE62 IOGEAR-GUCE62 Datasheet
171Kb / 3P
USB 2.0 BoostLinq Ethernet - 164ft (TAA Compliant)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com