Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONN003-W Datasheet(PDF) 2 Page - Linx Technologies

Part # CONN003-W
Description  N Jack Panel Mount Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN003-W Datasheet(HTML) 2 Page - Linx Technologies

  CONN003-W Datasheet HTML 1Page - Linx Technologies CONN003-W Datasheet HTML 2Page - Linx Technologies CONN003-W Datasheet HTML 3Page - Linx Technologies CONN003-W Datasheet HTML 4Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Datasheet
CONN003-W
Product Dimensions
16.7 mm
(0.66 in)
28.7 mm
(1.13 in)
18.2 mm
(0.72 in)
18.2 mm
(0.72 in)
5/8-24UNEF
4.7 mm Max
Panel Thickness
18.2 mm
(0.72 in)
4X Ø3.2 mm
(0.13 in)
4X Ø3.2 mm
(0.13 in)
Ø16.3 mm
(0.64 in)
18.2 mm
(0.72 in)
□25.4 mm
(1.00 in)
2.0 mm
(0.08 in)
Figure 1. Product Dimensions for the CONN003-W Connector
Connector Components
Model
CONN003-W
Connector Part
Material
Finish
Connector Body
Brass
White Bronze
Center Contact (socket)
Phosphor Bronze
Gold
Insulator
PTFE
–
Recommended Mounting
The recommended enclosure mounting dimensions are shown in Figure 2.
16.7 mm
(0.66 in)
28.7 mm
(1.13 in)
18.2 mm
(0.72 in)
18.2 mm
(0.72 in)
5/8-24UNEF
4.7 mm Max
Panel Thickness
18.2 mm
(0.72 in)
4X Ø3.2 mm
(0.13 in)
4X Ø3.2 mm
(0.13 in)
Ø16.3 mm
(0.64 in)
18.2 mm
(0.72 in)
□25.4 mm
(1.00 in)
2.0 mm
(0.08 in)
Figure 2. Recommended Enclosure Mounting Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com