Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONN013-W Datasheet(PDF) 2 Page - Linx Technologies

Part # CONN013-W
Description  N Bulkhead Jack PCB Surface Mount Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONN013-W Datasheet(HTML) 2 Page - Linx Technologies

  CONN013-W Datasheet HTML 1Page - Linx Technologies CONN013-W Datasheet HTML 2Page - Linx Technologies CONN013-W Datasheet HTML 3Page - Linx Technologies CONN013-W Datasheet HTML 4Page - Linx Technologies CONN013-W Datasheet HTML 5Page - Linx Technologies CONN013-W Datasheet HTML 6Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Datasheet
CONN013-W
Product Dimensions
21.2 mm
(0.83 in)
32.20 mm
(1.27 in)
41.70 mm
(1.64 in)
51.20 mm
(2.02 in)
Ø2.16 mm
(0.09 in)
Ø23.10 mm
(0.91 in)
5/8-24UNEF
16.3 mm
(0.64 in)
15.2 mm
(0.60 in)
Ø16.2 mm
(0.64 in)
16.3 mm
(0.64 in)
Ø2.5 mm
(0.10 in)
4X Ø5.0 mm
(0.20 in)
8.76 mm
(0.34 in)
3.2 mm
(0.13 in)
19 mm
(HEX)
Hex Nut
Washer
15.0 mm
(0.59 in)
Ø22.0 mm
REF.
2.6 mm
(0.10 in)
□19.0 mm
(0.75 in)
Figure 1. Product Dimensions for the CONN013-W Connector
Connector Components
Model
CONN013-W
Connector Part
Material
Finish
Connector Body
Brass
White Bronze
Center Contact (socket)
Beryllium Copper
Gold
Insulator
PTFE
–
Washer
Brass
White Bronze
Hex Nut
Brass
White Bronze
Recommended Footprint
Figure 2 shows the connectors recommended PCB footprint and through hole sizes.
21.2 mm
(0.83 in)
32.20 mm
(1.27 in)
41.70 mm
(1.64 in)
51.20 mm
(2.02 in)
Ø2.16 mm
(0.09 in)
Ø23.10 mm
(0.91 in)
5/8-24UNEF
16.3 mm
(0.64 in)
15.2 mm
(0.60 in)
Ø16.2 mm
(0.64 in)
16.3 mm
(0.64 in)
Ø2.5 mm
(0.10 in)
4X Ø5.0 mm
(0.20 in)
8.76 mm
(0.34 in)
3.2 mm
(0.13 in)
19 mm
(HEX)
Hex Nut
Washer
15.0 mm
(0.59 in)
Ø22.0 mm
REF.
2.6 mm
(0.10 in)
□19.0 mm
(0.75 in)
Figure 2. Recommended PCB Footprint for the CONN013-W Connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com