Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN184 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN184
Description  GaAlAs Infrared Light Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN184 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN184 Datasheet HTML 1Page - Panasonic Semiconductor LN184 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Infrared Light Emitting Diodes
ø4.0
±0.1
2.45
±0.25
ø4.6
±0.15
ø5.75max.
2-ø0.45
±0.05
Unit : mm
1: Anode
2: Cathode
1
2
Spherical lens
Glass window
LN184
GaAlAs Infrared Light Emitting Diode
Light source for distance measuring systems
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Power dissipation
PD
190
mW
Forward current (DC)
IF
90
mA
Pulse forward current
IFP*
230
mA
Reverse voltage (DC)
VR
3V
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
– 40 to +100
˚C
* Pulse conditions : Pulse of f = 10 kHz and duty cycle = 50% modulated
with pulse of f = 0.375 Hz (1.6 s) and duty cycle = 37.5%
Features
High-power output, high-efficiency : PO = 5 mW (typ.)
Fast response and high-speed modulation capability : tr, tf = 20 ns(typ.)
Infrared light emission close to monochromatics light :
λ
P = 880 nm
(typ.)
Narrow directivity using spherical lenses; works well with optical
systems in auto focus systems
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Radiant power
PO
IF = 100mA
3.5
mW
Peak emission wavelength
λ
P
IF = 100mA
880
nm
Spectral half band width
∆λ
IF = 100mA
50
nm
Forward voltage (DC)
VF
IF = 100mA
1.55
1.9
V
Reverse current (DC)
IR
VR = 3V
10
µA
Rise time
tr
IFP = 100mA
20
ns
Fall time
tf
IFP = 100mA
20
ns
Half-power angle
θ
The angle in which radiant intencity is 50%
20
deg.


Similar Part No. - LN184

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN1851C PANASONIC-LN1851C Datasheet
31Kb / 1P
LED Surface Mounting Chip Led
LN1851C-TR PANASONIC-LN1851C-TR Datasheet
31Kb / 1P
LED Surface Mounting Chip Led
LN1851CTR PANASONIC-LN1851CTR Datasheet
109Kb / 3P
Surface Mount LEDs
LN1861C PANASONIC-LN1861C Datasheet
32Kb / 1P
Surface Mounting Chip LED
logo
List of Unclassifed Man...
LN1861C ETC-LN1861C Datasheet
85Kb / 2P
Surface Mounting Chip LED
More results

Similar Description - LN184

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN189L PANASONIC-LN189L Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN189M PANASONIC-LN189M Datasheet
36Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN189S PANASONIC-LN189S Datasheet
44Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN671 PANASONIC-LN671 Datasheet
43Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN75X PANASONIC-LN75X Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
GaAlAs Infrared Light Emitting Diode
LNA4905L PANASONIC-LNA4905L_08 Datasheet
298Kb / 3P
GaAlAs Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com