Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7380 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Data Sheet
AD7380-4
Rev. 0 | Page 29 of 31
Bits
Bit Name
Description
Reset
Access
6
AL_D_LOW
Alert D Low. The alert indication low bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert low threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
0: no alert indication.
1: alert indication.
5
AL_C_HIGH
Alert C High. The alert indication high bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert high threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
4
AL_C_LOW
Alert C Low. The alert indication low bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert low threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
3
AL_B_HIGH
Alert B High. The alert indication high bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert high threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
2
AL_B_LOW
Alert B Low. The alert indication low bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert low threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
1
AL_A_HIGH
Alert A High. The alert indication high bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert high threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
0: no alert indication.
1: alert indication.
0
AL_A_LOW
Alert A Low. The alert indication low bit indicates if a conversion result for the respective
input channel exceeds the value set in the alert low threshold register. This fault bit is sticky
and remains set until the register is read.
0x0
R
1: alert indication.
0: no alert indication.
ALERT LOW THRESHOLD REGISTER
Addressing.
Alert Low.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
8
0
9
0
10
0
11
1
12
0
13
0
14
0
15
0
[15:12] ADDRESSING (R/W)
[11:0] ALERT_LOW (R/W)
Table 21. Bit Descriptions for Alert Low Threshold Register
Bits
Bit Name
Descriptions
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing
Registers section for further details.
0x0
R/W
[11:0]
ALERT_LOW
Alert Low. Bits[11:0] from ALERT_LOW move to the MSBs of the internal alert low register,
D[15:4]. The remaining bits, D[3:0] of the internal register are fixed at 0x0. Sets an alert when
the converter result is below the value in the alert low threshold register, and the alert is
disabled when it is above the value in the alert low threshold register.
0x800
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com