Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4680 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4680
Description  Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices AD4680 Datasheet HTML 15Page - Analog Devices AD4680 Datasheet HTML 16Page - Analog Devices AD4680 Datasheet HTML 17Page - Analog Devices AD4680 Datasheet HTML 18Page - Analog Devices AD4680 Datasheet HTML 19Page - Analog Devices AD4680 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
AD7380-4
Data Sheet
Rev. 0 | Page 16 of 31
APPLICATIONS INFORMATION
Figure 30 shows an example of a typical application circuit for
the AD7380-4. Decouple the VCC, VLOGIC, REGCAP, and REFIN
pins with suitable decoupling capacitors as shown. The exposed
pad is a ground reference point for circuitry on the device and
must be connected to the board ground.
A differential RC filter must be placed on the analog inputs to
ensure optimal performance is achieved. In a typical
application, R = 33 Ω, C1 = 68 pF, and C2 = 68 pF are
recommended. These RC combinations must be the same for
all channels of the AD7380-4.
The four differential channels of the AD7380-4 can accept an
input voltage range from 0 V to VREF and have a wide common-
mode range to convert a variety of signals. These analog input
pins (AINx±) can easily be driven with an amplifier. See Table 10
for the recommended driver amplifiers that can best fit and add
value to the application.
The performance of the AD7380-4 can be impacted by noise on
the digital interface. This impact is dependent on board layout
and design. Keep a minimal distance of the digital line to the
digital interface or place a 100 Ω resistor in series and close to
the SDOA, SDOB, SDOC, and SDOD/ALERT pins to reduce
noise from the digital interface coupling of the AD7380-4.
The reference voltage of the AD7380-4 ranges from 2.5 V to
3.3 V. The ADR4533 or ADR4525 is an ultralow noise, high
accuracy voltage reference recommended to drive the AD7380-4
REFIN pin. A 1 µF reservoir capacitor is recommended to be
connected between the REFIN pin and the ground. When using
this external reference voltage in another circuit within the
application, for example, as a common-mode voltage for the
driver amplifier, it is recommended to use a buffer amplifier
like the ADA4807-2 for a stable reference.
POWER SUPPLY
For a typical application, the AD7380-4 circuitry shown in
Figure 30 can be driven from a 5 V (V+) supply to power the
system. The 5 V (V+) can be supplied from the ADP7104. The
ADC driver can be supplied by a 5 V (V+) and a −2.5 V (V−)
derived from the inverting charge pump, the ADP5600, that
converts 5 V to −5 V, then to the ADP7182 for the low noise
voltage regulator to output −2.5 V. Two independent power
supply sources are derived from a low dropout (LDO) regulator
to power the VCC supply for the analog circuitry and the VLOGIC
supply for the digital interface of the AD7380-4. A very low
quiescent current LDO regulator like the ADP166 is a suitable
supply with a fixed output voltage range from 1.2 V to 3.3 V for
typical VCC and VLOGIC levels. The VCC supply and the VLOGIC
supply must be decoupled separately with a 1 µF capacitor.
Additionally, an LDO regulator supplies the AD7380-4. The on-
chip regulator provides a 1.9 V supply only for internal use on
the device. Decouple the REGCAP pin with a 1 µF capacitor to
GND.
Power-Up
The AD7380-4 is not easily damaged by power supply
sequencing. VCC and VLOGIC can be applied in any sequence. The
external reference must be applied after VCC and VLOGIC are
applied. Analog and digital signals must be applied after the
external reference is applied.
The AD7380-4 requires tPOWERUP from applying VCC and VLOGIC
until the ADC conversion results are stable. Interfacing with
the AD7380-4 prior to the setup time elapsing does not have a
negative impact on ADC operation. See Figure 4 for the
recommended signal condition during power-up. It is highly
recommended to issue a software reset after power-up (see the
Software Reset section for details). Conversion results are not
guaranteed to meet data sheet specifications during this time,
however.
Table 10. Signal Chain Components
Companion Devices
Part Name
Description
Typical Application
ADC Driver
ADA4896-2
1 nV/√Hz, rail to rail output amplifier
Precision, low noise, high frequency
ADA4940-2
Ultra low power, full differential, low distortion amplifier
Precision, low density, low power
ADA4807-2
1 mA, rail to rail output amplifier
Precision, low power, high frequency
External Reference
ADR4525
Ultralow noise, high accuracy voltage reference
2.5 V reference voltage
ADR4533
Ultralow noise, high accuracy voltage reference
3.3 V reference voltage
Reference Buffer
ADA4807-2
1 mA, rail to rail output amplifier
Precision, low power, high frequency
LDO Regulator
ADP166
Very low quiescent, 150 mA LDO regulator
3.0 V to 3.6 V supply for VCC and VLOGIC
ADP7104
500 mA low noise, CMOS LDO regulator
5 V supply
ADP7182
Low noise line regulator
−2.5 V supply for ADC driver amplifier
ADP5600
Interleaved inverting charge pump with negative LDO
Voltage inverter for negative supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com