Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4099-2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4099-2
Description  50 V, 8 MHz, 1.5 mA per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4099-2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4099-2 Datasheet HTML 19Page - Analog Devices ADA4099-2 Datasheet HTML 20Page - Analog Devices ADA4099-2 Datasheet HTML 21Page - Analog Devices ADA4099-2 Datasheet HTML 22Page - Analog Devices ADA4099-2 Datasheet HTML 23Page - Analog Devices ADA4099-2 Datasheet HTML 24Page - Analog Devices ADA4099-2 Datasheet HTML 25Page - Analog Devices ADA4099-2 Datasheet HTML 26Page - Analog Devices ADA4099-2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet
ADA4099-1/ADA4099-2
THEORY OF OPERATION
analog.com
Rev. A | 23 of 34
Figure 59. Supply Current vs. VSHDN with Respect to −VS
SHDN or SHDNx can be driven beyond the +VS supply up to the
absolute maximum voltage (60 V with respect to −VS) and draws
little current (<1.5 μA). For normal active amplifier operation, SHDN
or SHDNx can be floated or driven by an external voltage source
low (within 0.5 V of −VS). If SHDN or SHDNx are left floating, an
internal current source (~600 nA) pulls SHDN or SHDNx to –VS,
which places the amplifiers into a default, active amplifying state.
Because of the close proximity of the −IN pin (ADA4099-1) or
−INx pins (ADA4099-2 10-lead LFCSP) and SHDN or SHDNx, fast
edges on the −IN pin or −INx pins may ac-couple to the adjacent
high impedance SHDN or SHDNx, inadvertently placing the devices
in shutdown. If this scenario is a concern, add a 1 nF capacitor
between SHDN or SHDNx and the −VS pin.
Alternatively, the amplifiers can be effectively placed in a low power
state by removing +VS. In this low power state, the inputs typically
leak <1 nA with either ±IN pin or either ±INx biased between −VS
and 70 V above −VS. If the ±IN pins or ±INx pins are taken below
−VS, they appear as a diode connected to the −VS supply in series
with a resistance of 250 Ω. In this condition, limit the current to <30
mA.
Using an external source to drive the output beyond either ±VS
supply under shutdown conditions may produce unlimited current
and may damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com