Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2LU3CAM01 Datasheet(PDF) 1 Page - IOGEAR

Part # G2LU3CAM01
Description  Charge & Sync Flip USB 3.1 Gen 2 A to USB-C Cable 10Gbps (USB-IF)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

G2LU3CAM01 Datasheet(HTML) 1 Page - IOGEAR

  G2LU3CAM01 Datasheet HTML 1Page - IOGEAR G2LU3CAM01 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G2LU3CAM01
Charge & Sync Flip USB 3.1
Gen 2 A to USB-C Cable 10
Gbps (USB-IF)
Connect Your USB-C™ Devices to USB-A Devices
The Charge & Sync USB-C to USB-A 10 Gbps cable integrates charge, sync, video and USB functions into a single port. The cable
supports data transfer as well as charging output, so your standard USB-A devices such as chargers, hard drives and other
peripherals are now compatible with USB-C ports. With data transfer speeds up to 10 Gbps, you will save time syncing your videos,
photos, music and other data between devices.
USB-IF Certified Cable
The Cable is certified SuperSpeed+. Certified USB-IF cables have met the highest industry standards, are certified to be compliant to
the specifications, and are tested for interoperability with other USB products.
Reversible USB-C
The Charge & Sync Flip™ Pro cable’s design features a reversible USB-C connector allowing you to plug it into your device quickly,
no matter which direction it is facing.
Connect your USB-C™ devices to USB-A peripherals
Enjoy ultra-high speed data transfer rates up to 10 Gbps
Up to 60W power delivery
USB-IF certified SuperSpeed+ cable
Charges your USB-C devices (phone, tablet, laptop)


Similar Part No. - G2LU3CAM01

ManufacturerPart #DatasheetDescription
logo
IOGEAR
G2LU3CAM01-GY IOGEAR-G2LU3CAM01-GY Datasheet
131Kb / 2P
Charge & Sync Pro - USBC to USB-A Cable, 3 Ft.
G2LU3CAM01-WT IOGEAR-G2LU3CAM01-WT Datasheet
151Kb / 3P
Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable
More results

Similar Description - G2LU3CAM01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731131 ETC2-632910731131 Datasheet
314Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000999 ETC2-MC000999 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
MC001000 ETC2-MC001000 Datasheet
164Kb / 1P
USB C to USB 3.1 A Plug Cable
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U428-003-G2 TRIPPLITE-U428-003-G2 Datasheet
167Kb / 3P
USB 3.1 Gen 2 (10 Gbps) Cable, USB Type-C (USB-C) to USB-A (M/M), 3 ft.
logo
IOGEAR
G2LU3CAM01-WT IOGEAR-G2LU3CAM01-WT Datasheet
151Kb / 3P
Charge & Sync Flip??Pro - USB-C??to Reversible USBA Cable
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com