Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAMU01 Datasheet(PDF) 3 Page - IOGEAR

Part # GAMU01
Description  Charge & Sync Flip Pro, Reversible USB to Reversible Micro USB Cable (3.3ft/1m)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GAMU01 Datasheet(HTML) 3 Page - IOGEAR

  GAMU01 Datasheet HTML 1Page - IOGEAR GAMU01 Datasheet HTML 2Page - IOGEAR GAMU01 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GAMU01
Cable Length
3.3ft (1m)
Cable Type
USB Type A to Micro USB Connector
Connectors
USB
Reversible Type A Male
Materials
Cable Jacket
Braided Nylon-Fiber
Dimensions
GAMU01
POP Information
10'' Peg Hook
6
6'' Peg Hook
4
Unit Dimensions
Length
39.6" (100.6cm)
Inner Pack
Width
7.5"
Height
6"
Length
4.6"
Inner Pack Qty.
6
Unit Package Dimensions
Width
4.5"
Height
5.88"
Depth
1.25"
Master Carton
Width
15.75" (40 cm)
Height
7" (17.78 cm)
Depth
10.4" (26.42 cm)
Master Carton Qty.
24
Weight
Master Carton Wt.
5.05lb (2.3kg)
Inner Pack Wt.
1lb (0.46kg)
Unit Pack Wt.
0.15lb (0.06kg)
Unit Wt.
0.05lb (0.02kg)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com