Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFP167 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SFP167
Description  CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SFP167 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SFP167 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SFP167 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFP161 THRU SFP167
Features
Mechanical Data
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
· Super fast recovery time
· Good for use in switching mode circuits
· Plastic package has Underwrites Laboratory Flammability
Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : JEDEC ITO-220 molded plastic body
· Terminals : Lead solderable per
MIL-STD-750, method 2026
· Polarity : As marked
· Mounting Position : Any
· Weight : 0.08 ounce, 2.24 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
(3) Thermal resistance from junction to case mounting on heatsink.
CURRENT 16.0 Amperes
VOLTAGE 50 to 600 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
at TC=100℃
Maximum instantaneous forward voltage
at 8.0A
VRRM
Volts
Symbols
Units
0.975
VF
VRMS
16.0
Amps
Amps
80
IFSM
TJ
TSTG
400
-55 to +150
℃
℃/W
Volts
Maximum DC reverse
current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Typical thermal resistance (Note 3)
Operating junction and storage
temperature range
50
35
50
10
35
2.5
Volts
μA
ns
pF
I(AV)
IR
Trr
TA=25℃
TA=100℃
80
CJ
SFP161
1.30
1.70
60
-55 to +150
100
70
100
SFP162
150
105
150
SFP163
200
140
200
SFP164
300
210
300
SFP165
400
280
400
SFP166
600
420
600
SFP167
RθJC
Dimensions in inches and (millimeters)
ITO-220
2.54
+
PIN 1
PIN 1
PIN 3
PIN 3
PIN 2
PIN 2
CASE
CASE
Positive CT
Suffix "C"
Negative CT
Suffix "A"
0.2
0.7 0.2
2.54 0.2
1.3 0.2
10 0.5
3.2
0.2
0.1
2.7 0.2
4.5 0.2
0.5 0.2
2.4 0.2


Similar Part No. - SFP167

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP10-SR-SP-C ATGBICS-SFP10-SR-SP-C Datasheet
375Kb / 10P
SFP10-SR-SP Qlogic Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
SeCoS Halbleitertechnol...
SFP104 SECOS-SFP104 Datasheet
501Kb / 2P
10.0AMP Super Fast Rectifier Diodes
SFP105 SECOS-SFP105 Datasheet
501Kb / 2P
10.0AMP Super Fast Rectifier Diodes
logo
Bel Fuse Inc.
SFP1050-12BG BEL-SFP1050-12BG Datasheet
1,014Kb / 6P
Ideal server form factor optimizes, space, efficiency, and load variations
logo
ATGBICS by Approved Tec...
SFP10G-LR-C ATGBICS-SFP10G-LR-C Datasheet
367Kb / 10P
SFP10G-LR ZyXEL Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results

Similar Description - SFP167

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HEP1601 DAESAN-HEP1601 Datasheet
267Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFP1610 DAESAN-UFP1610 Datasheet
285Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
UFR1610 DAESAN-UFR1610 Datasheet
279Kb / 2P
CURRENT 16.0 AMPERES VOLTAGE 50 TO 600 VOLTS
FR1601 DAESAN-FR1601 Datasheet
290Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
HER1601 DAESAN-HER1601 Datasheet
313Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
FP1601 DAESAN-FP1601 Datasheet
313Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
SF21 DAESAN-SF21 Datasheet
315Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 600 Volts
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
SF51 DAESAN-SF51 Datasheet
299Kb / 2P
CURRENT 5.0 Amperes VOLTAGE 50 to 600 Volts
SF161 DAESAN-SF161 Datasheet
348Kb / 2P
CURRENT 16.0 Amperes VOLTAGE 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com