Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONSMA010-G Datasheet(PDF) 1 Page - Linx Technologies

Part # CONSMA010-G
Description  SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA010-G Datasheet(HTML) 1 Page - Linx Technologies

  CONSMA010-G Datasheet HTML 1Page - Linx Technologies CONSMA010-G Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.00
0.276
H 8.00
0.315
9.24
0.364
15.00
0.591
8.00
0.315
15.90
0.626
8.40
0.331
7.00
0.276
7.80
0.307
7.00
0.276
CONNECTOR A
1/4"-36UNS-2B
THREADS
CONNECTOR B
1/4"-36UNS-2A
THREADS
SCALE 1 : 1
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN mm [INCHES].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE,
USE MATERIALS THAT DO NOT CONTAIN REACH SUBSTANCES
OF VERY HIGH CONCERN >1000ppm, AND USE DRC
CONFLICT-FREE SOURCED MATERIALS.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES 0.5 MAXIMUM.
5 SEE TABLE I FOR ELECTRICAL SPECIFICATIONS. (SHEET 2)
6 SEE TABLE II FOR ENVIRONMENTAL SPECIFICATIONS. (SHEET 2)
7 SEE TABLE III FOR MECHANICAL SPECIFICATIONS. (SHEET 2)
8. SEE PARTSLIST. "*" INDICATES FINISH TYPE.
FILE://M:\Linx\Web\Website Content\Diagrams\Current on site\consma010.pdf
REVISIONS
REV
DESCRIPTION
DATE
APPV
A INITIAL RELEASE OF LINX INTERNAL DRAWING
01/MAR/19
CLL
SHEET 1 OF 2
LDCFDAL_C
SCALE: 3:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
CONSMA010-*
A
SMA MALE TO SMA FEMALE
RIGHT ANGLE ADAPTER
159 ORT LANE
MERLIN, OR 97532
ANGLES: 1
DRAWN: M. SCHULTE
ENGR: D. VARATHARAJAN
DT: 21/JAN/19
DT: 08/MAR/19
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF LINX TECHNOLOGIES, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF LINX TECHNOLOGIES OR ITS
DESIGNATED AGENTS.
TOLERANCES:
0.50 [.020]-5.00 [.200]= 0.20 [.008]
5.00 [.200]-30.00 [1.200]= 0.40 [.016]
30.0 [1.20]-120.0 [4.75]= 0.60 [0.24]
120.0 [4.75]-315.0 [12.40]= 1.0 [.040]


Similar Part No. - CONSMA010-G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA010 ETC2-CONSMA010 Datasheet
129Kb / 1P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
More results

Similar Description - CONSMA010-G

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4282 POMONA-4282 Datasheet
25Kb / 1P
Adapter, SMA, Male To Female, Right Angle
logo
Pasternack Enterprises,...
PE9068 PASTERNACK-PE9068 Datasheet
250Kb / 3P
SMA Male to SMA Female Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9418 PASTERNACK-PE9418 Datasheet
249Kb / 3P
SMA Male to SMA Male Right Angle Adapter
PE9485 PASTERNACK-PE9485 Datasheet
255Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
logo
List of Unclassifed Man...
5490 ETC2-5490 Datasheet
161Kb / 1P
SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
Pasternack Enterprises,...
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
SMA Female to SMA Female Right Angle Adapter
PE9642 PASTERNACK-PE9642 Datasheet
363Kb / 4P
SMA Male to SMA Male Right Angle Adapter
PE91149 PASTERNACK-PE91149 Datasheet
397Kb / 5P
SMA Male to SMA Female Right Angle Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com