Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONSMA017-N Datasheet(PDF) 2 Page - Linx Technologies

Part # CONSMA017-N
Description  SMA FEMALE FLANGE MOUNT 0-80 UNF-2B THREADS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

CONSMA017-N Datasheet(HTML) 2 Page - Linx Technologies

  CONSMA017-N Datasheet HTML 1Page - Linx Technologies CONSMA017-N Datasheet HTML 2Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2X 1.60
0.063
5.10
0.201
8.60
0.339
RECOMMENDED MOUNTING HOLES
5
6
TABLE I
TABLE II
TABLE III
7
Electrical Data
Detail
Impedance
50 Ω
Frequency Range
0 to 27 GHz
Insulation Resistance
≥ 5000 MΩ
Voltage Rating
1000 V RMS
Contact Resistance
Center ≤ 3.0 m Ω Outer: ≤ 2.0 m Ω
VSWR
≤ 1.5 @18 GHz to 26.5 GHz
Environmental Data
Detail
Corrosion (Salt Spray)
MIL-STD-202 METHOD 101 TEST CONDITION B
Thermal Shock
MIL-STD-202 METHOD 107 TEST CONDITION B
Vibration
MIL-STD-202 METHOD 204 TEST CONDITION D
Mechanical Shock
MIL-STD-202 METHOD 213 TEST CONDITION I
Temperature Range
-65 °C to +165 °C
Environmental Compliance
ROHS
Mechanical Data
Detail
Mounting Type
Panel Mount
Fastening Type
1/4"-36UNS-2A Threaded Coupling
Recommended Torque
0.57 N.m (5 in.lbs)
Coupling Nut Retention
60 lbs min.
Connector Durability
500 cycles min.
Weight (connector only)
1.4 g (0.05 oz)
SHEET 2 OF 2
LDCFDAL_A
SCALE: 4:1
A
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
SEE SHEET 1 FOR REVISIONS
A
CONSMA017-*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com