Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2332LSLBX Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LSLBX Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMX2332LSLBX Datasheet HTML 9Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 10Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 11Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 12Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 13Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 14Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 15Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 16Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Functional Description (Continued)
01280606
PROGRAMMABLE REFERENCE DIVIDERS (IF AND RF R COUNTERS)
If the Control Bits are 00 or 01 (00 for IF and 01 for RF) data is transferred from the 22-bit shift register into a latch which sets
the 15-bit R Counter. Serial data format is shown below.
01280607
15-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO (R COUNTER)
Divide
RRRRRRRRRRRRRR
R
Ratio
15 14 13 12 11 10
98765432
1
3
00000000000001
1
4
00000000000010
0
••••••••••••••
32767
11111111111111
1
Notes:
Divide ratios less than 3 are prohibited.
Divide ratio: 3 to 32767
R1 to R15: These bits select the divide ratio of the programmable reference divider.
Data is shifted in MSB first.
PROGRAMMABLE DIVIDER (N COUNTER)
The N counter consists of the 7-bit swallow counter (A counter) and the 11-bit programmable counter (B counter). If the Control
Bits are 10 or 11 (10 for IF counter and 11 for RF counter) data is transferred from the 22-bit shift register into a 4-bit or 7-bit latch
(which sets the Swallow (A) Counter) and an 11-bit latch (which sets the 11-bit programmable (B) Counter), MSB first. Serial data
format is shown below. For the IF N counter bits 5, 6, and 7 are don’t care bits. The RF N counter does not have don’t care
bits.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com