Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-868-OC-LG-RPS Datasheet(PDF) 7 Page - Linx Technologies

Part # ANT-868-OC-LG-RPS
Description  868 MHz LPWA Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-868-OC-LG-RPS Datasheet(HTML) 7 Page - Linx Technologies

  ANT-868-OC-LG-RPS Datasheet HTML 1Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 2Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 3Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 4Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 5Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 6Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 7Page - Linx Technologies ANT-868-OC-LG-RPS Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Datasheet
ANT-868-OC-LG
Antenna Definitions and Useful Formulas
VSWR
- Voltage Standing Wave Ratio. VSWR is a unitless ratio that describes the power reflected from the
antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency.
VSWR is easily derived from Return Loss.
VSWR=10ReturnLoss20 +1
10ReturnLoss20 −1
ReturnLoss=−20log10 VSWR−1
VSWR+1
Gdb=10log10(G)
GdBd=GdBi−2.51dB
VSWR−1
VSWR+12
TRE=η 1− VSWR−1
VSWR+12
/4
•
Return Loss
- Return loss represents the loss in power at the antenna due to reflected signals, measured in
decibels. A lower return loss value indicates better antenna performance at a given frequency. Return Loss is
easily derived from VSWR.
VSWR=10ReturnLoss20 +1
10ReturnLoss20 −1
ReturnLoss=−20log10 VSWR−1
VSWR+1
Gdb=10log10(G)
GdBd=GdBi−2.51dB
VSWR−1
VSWR+12
TRE=η 1− VSWR−1
VSWR+12
/4
•
Efficiency (
η) - The total power radiated from an antenna divided by the input power at the feed point of the
antenna as a percentage.
Total Radiated Efficiency
- (TRE) The total efficiency of an antenna solution comprising the radiation
efficiency of the antenna and the transmitted (forward) efficiency from the transmitter.
VSWR=10ReturnLoss20 +1
10ReturnLoss20 −1
ReturnLoss=−20log10 VSWR−1
VSWR+1
Gdb=10log10(G)
GdBd=GdBi−2.51dB
VSWR−1
VSWR+12
TRE=η 1− VSWR−1
VSWR+12
/4
•
Gain
- The ratio of an antenna’s efficiency in a given direction (G) to the power produced by a theoretical
lossless (100% efficient) isotropic antenna. The gain of an antenna is almost always expressed in decibels.
VSWR=10ReturnLoss20 +1
10ReturnLoss20 −1
ReturnLoss=−20log10 VSWR−1
VSWR+1
Gdb=10log10(G)
GdBd=GdBi−2.51dB
VSWR−1
VSWR+12
TRE=η 1− VSWR−1
VSWR+12
/4
•
Peak Gain
- The highest antenna gain across all directions for a given frequency range. A directional antenna
will have a very high peak gain compared to average gain.
Average Gain
- The average gain across all directions for a given frequency range.
Maximum Power
- The maximum signal power which may be applied to an antenna feed point, typically
measured in watts (W).
Reflected Power
- A portion of the forward power reflected back toward the amplifier due to a mismatch at
the antenna port.
VSWR=10ReturnLoss20 +1
10ReturnLoss20 −1
ReturnLoss=−20log10 VSWR−1
VSWR+1
Gdb=10log10(G)
GdBd=GdBi−2.51dB
VSWR−1
VSWR+12
TRE=η 1− VSWR−1
VSWR+12
/4
•
decibel (dB)
- A logarithmic unit of measure of the power of an electrical signal.
decibel isotropic (dBi)
- A comparative measure in decibels between an antenna under test and an isotropic
radiator.
decibel relative to a dipole (dBd)
- A comparative measure in decibels between an antenna under test and
an ideal half-wave dipole.
Dipole
- An ideal dipole comprises a straight electrical conductor measuring 1/2 wavelength from end to end
connected at the center to a feed point for the radio.
Isotropic Radiator
- A theoretical antenna which radiates energy equally in all directions as a perfect sphere.
Omnidirectional
- Term describing an antenna radiation pattern that is uniform in all directions. An
isotropic antenna is the theoretical perfect omnidirectional antenna. An ideal dipole antenna has a donut-
shaped radiation pattern and other practical antenna implementations will have less perfect but generally
omnidirectional radiation patterns which are typically plotted on three axes.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com