Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4081S Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # 2SC4081S
Description  GENERAL PURPOSE TRANSISTORS NPA SILICON
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

2SC4081S Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  2SC4081S Datasheet HTML 1Page - AiT Semiconductor Inc. 2SC4081S Datasheet HTML 2Page - AiT Semiconductor Inc. 2SC4081S Datasheet HTML 3Page - AiT Semiconductor Inc. 2SC4081S Datasheet HTML 4Page - AiT Semiconductor Inc. 2SC4081S Datasheet HTML 5Page - AiT Semiconductor Inc. 2SC4081S Datasheet HTML 6Page - AiT Semiconductor Inc. 2SC4081S Datasheet HTML 7Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
2SC4081X
GENERAL PURPOSE TRANSISTORS
NPA SILICON
REV1.0
- NOV 2011 RELEASED -
- 2 -
ABSOLUTE MAXIMUM RATINGS
VCEO, Collector-Emitter Voltage
50V
VCBO, Collector-Base Voltage
60V
VEBO, Emitter-Base Voltage
7.0V
IC, Collector Current
150mAdc
PC, Collector Power Dissipation
0.2W
Tj, Junction Temperature
150°C
Tstg, Storage Temperature
-55°C ~ +150°C
Stresses above may cause permanent damage to the device. These are stress ratings only and functional operation of the device at
these or any other conditions beyond those indicated in the Electrical Characteristics are not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
NOTE1: PC must not be exceeded
hEF values are classified as follows:
Q
R
S
hEF
120~270
180~390
270~560



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com