Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3611 Datasheet(PDF) 18 Page - ams AG

Part # AS3611
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3611 Datasheet(HTML) 18 Page - ams AG

Back Button AS3611 Datasheet HTML 14Page - ams AG AS3611 Datasheet HTML 15Page - ams AG AS3611 Datasheet HTML 16Page - ams AG AS3611 Datasheet HTML 17Page - ams AG AS3611 Datasheet HTML 18Page - ams AG AS3611 Datasheet HTML 19Page - ams AG AS3611 Datasheet HTML 20Page - ams AG AS3611 Datasheet HTML 21Page - ams AG AS3611 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
17 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
NTC Supervision Register (Address 03).
Charger Supervision Register (Address 04).
Addr: 03
NTC Supervision
These bits define the battery temperature supervision.
Bit
Bit Name
Default
Access
Bit Description
0
ntc_on
1b/ROM
R/W
ON/OFF control of battery NTC supervision
0
1
Disabled
Enabled
1
ntc_10k
1b/ROM
R/W
Select NTC resistor type
0
1
100k
Ω
10k
Ω
2
ntc_temp
1b/ROM
R/W
Select NTC temperature shutdown
0
1
high temperature range (50 or 55 ºC)
low temperature range (45 or 50 ºC)
Addr: 04
Charger Supervision
These bits define charging timer settings.
Bit
Bit Name
Default
Access
Bit Description
3:0
ch_timeout
1010b/ROM
R/W
Charging timeout timer
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Charging timer disabled
0.5 hour
1 hour
1.5 hour
2 hour
2.5 hour
3 hour
3.5 hour
4 hour
4.5 hour
5 hour
5.5 hour
6 hour
6.5 hour
7 hour
7.5 hour
4
charging_tmax
0b/ROM
R/W
0
1
Read: no timeout reached
Write: reset charger timeout counter
tCHARGING,MAX timeout reached and charging stopped
7:5
stat_mode
010b/ROM
R/W
Function of Status pin:
0
1
2
3
4
5
always off
ch_det=ON
ch_det=ON, stop_charging or boost_error=5Hz blinking
Charging=ON, stop_charging or boost_error=5Hz blinking
Charging=ON, EOC=1Hz blinking, stop_charging or
boost_error=5Hz blinking
ch_det =ON, EOC=1Hz blinking, stop_charging or
boost_error=5Hz blinking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com