Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3715 Datasheet(PDF) 69 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 69 Page - ams AG

Back Button AS3715 Datasheet HTML 65Page - ams AG AS3715 Datasheet HTML 66Page - ams AG AS3715 Datasheet HTML 67Page - ams AG AS3715 Datasheet HTML 68Page - ams AG AS3715 Datasheet HTML 69Page - ams AG AS3715 Datasheet HTML 70Page - ams AG AS3715 Datasheet HTML 71Page - ams AG AS3715 Datasheet HTML 72Page - ams AG AS3715 Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 160 page
background image
ams Datasheet, Confidential
Page 69
[v1-00] 2014-Sep-10
Document Feedback
AS3715 − Detailed Description – System Functions
900mA/2.5A Charger Input
With this function the charger input current limiter can be set
to 900mA or 2.5A (high power USB limit or full current enabled).
The gpioX_mode should be set to input.
Charging Enable Input
When pulling the GPIO to high the charger is being enabled and
vice versa. This is to enable the charger without I²C
communication. The gpioX_mode should be set to input.
PWM Output
The GPIO block includes an internal programmable PWM
generator (can be connected to any of the GPIO outputs). Its
timing is defined by pwm_h_time, pwm_l_time and pwm_div.
The gpioX_mode should be set to output.
Parameter
Figure 71:
GPIO Pin Characteristics
GPIO Pin Characteristics: Shows the key electrical parameter of the GPIO pins. VSUP=2.7 to 5.5V; Tamb = -20 to
+70°C; unless otherwise mentioned.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Low level output voltage
IOL=+1mA; digital
output
–0.3
+0.4
V
VOH
High level output voltage
IOH=–1mA; digital
push-pull output
0.8
VSUP_G
PIO
VSUP_G
PIO
V
VIL
Low level input voltage
Digital input
–0.3
0.4
V
VIH
High level input voltage
Digital input
1.4
VSUP_G
PIO
V
ILEAKAGE
Leakage current
High impedance
10
μA
Rpull-up
Pull-up resistance
If enabled;
VSUP_GPIO=3.6V
300
Rpull-down
Pull-down resistance
If enabled;
VSUP_GPIO=3.6V
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com