Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3715 Datasheet(PDF) 104 Page - ams AG

Part # AS3715
Description  Dual Power Path PMIC
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3715 Datasheet(HTML) 104 Page - ams AG

Back Button AS3715 Datasheet HTML 100Page - ams AG AS3715 Datasheet HTML 101Page - ams AG AS3715 Datasheet HTML 102Page - ams AG AS3715 Datasheet HTML 103Page - ams AG AS3715 Datasheet HTML 104Page - ams AG AS3715 Datasheet HTML 105Page - ams AG AS3715 Datasheet HTML 106Page - ams AG AS3715 Datasheet HTML 107Page - ams AG AS3715 Datasheet HTML 108Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 160 page
background image
Page 104
ams Datasheet, Confidential
Document Feedback
[v1-00] 2014-Sep-10
AS3715 − Register Description
Figure 112:
SD4_control1
Addr:2Dh
SD4_control1
Bit
Bit Name
Default
Access
Bit Description
7:6
sd4_ilimit
b00
RW
Selects overcurrent trip threshold of SD4 per phase
0 : 2.5A
1 : 3A
2 : 3.5A
3 : do not use
5:4
sd4_trim_gm
0
RW
Selects gm setting of OTA
0 : Fast setting
1 : Slow setting
2 : Medium setting
3 : Very slow setting
3:2
sd4_lv_deb
00
RW
Selects debounce time of sd1_lv signal
0 : No debouncing
1 : 1 us
2 : 4 us
3 : 20 us
1sd4_combine
0
RW_SM
Selects phase mode (set during startup power_stage test)
0 : Normal mode
1 : Combine phase 1 and 2
0
sd4_phases
1b1
RW_SM
Selects number of phases for sd4 (set during startup
power_stage test, can be changed after that)
0 : 1 phase used
1 : 2 phases used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com