Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5304 Datasheet(PDF) 1 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 1 Page - ams AG

  AS5304 Datasheet HTML 1Page - ams AG AS5304 Datasheet HTML 2Page - ams AG AS5304 Datasheet HTML 3Page - ams AG AS5304 Datasheet HTML 4Page - ams AG AS5304 Datasheet HTML 5Page - ams AG AS5304 Datasheet HTML 6Page - ams AG AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
ams Datasheet
Page 1
[v2-00] 2017-May-03
Document Feedback
AS5304/AS5306
Integrated Hall ICs for Linear and
Off-Axis Rotary Motion Detection
The AS5304/AS5306 are single-chip ICs with integrated Hall
elements for measuring linear or rotary motion using
multi-pole magnetic strips or rings. This allows the usage of the
AS5304/AS5306 in applications where the Sensor IC cannot be
mounted at the end of a rotating device (e.g. at hollow shafts).
Instead, the AS5304/AS5306 are mounted off-axis underneath
a multi-pole magnetized ring or strip and provides a quadrature
incremental output with 40 pulses per pole period at speeds of
up to 20 meters/second (AS5304) or 12 meters/second
(AS5306).
A single index pulse is generated once for every pole pair at the
Index output. Using, for example, a 32pole-pair magnetic ring,
the AS5304/AS5306 can provide a resolution of 1280
pulses/revolution, which is equivalent to 5120
positions/revolution or 12.3bit. The maximum speed at this
configuration is 9375 rpm.
The pole pair length is 4mm (2mm north pole / 2mm south pole)
for the AS5304, and 2.4mm (1.2mm north pole / 1.2mm south
pole) for the AS5306. The chip accepts a magnetic field strength
down to 5mT (peak). Both chips are available with push-pull
outputs (AS530xA) or with open drain outputs (AS530xB).
The AS5304/AS5306 are available in a small 20-pin TSSOP
package and specified for an operating ambient temperature
of -40°C to 125°C.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS5304

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5304 AMSCO-AS5304 Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
AS5304 AMSCO-AS5304 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
AS5304A AMSCO-AS5304A Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
ams AG
AS5304B AMSCO-AS5304B Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
More results

Similar Description - AS5304

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5305 AMSCO-AS5305 Datasheet
442Kb / 2P
Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection
AS5304 AMSCO-AS5304 Datasheet
479Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
Rohm
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
Omnipolar Detection Hall ICs
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
Unipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
Omnipolar Detection Hall ICs
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
Rohm
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
Omnipolar Detection Hall ICs
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
3D Hall Position Sensor for Linear and Off-Axis Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com