Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS89010 Datasheet(PDF) 12 Page - ams AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS89010 Datasheet(HTML) 12 Page - ams AG

Back Button AS89010 Datasheet HTML 8Page - ams AG AS89010 Datasheet HTML 9Page - ams AG AS89010 Datasheet HTML 10Page - ams AG AS89010 Datasheet HTML 11Page - ams AG AS89010 Datasheet HTML 12Page - ams AG AS89010 Datasheet HTML 13Page - ams AG AS89010 Datasheet HTML 14Page - ams AG AS89010 Datasheet HTML 15Page - ams AG AS89010 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 11 of 41
AS89010
V3.11
Figure 7: SYNS Mode timing11
idle or
standby
idle or
standby
conversion
data
fetch
conversion
SYN
OUT0..OUT3
STATE
I²C
activity
data
fetch
READY
TINT
5.1.4 Synchronous Measurement Start and Stop Mode (SYND Mode)
The start and the stop of the measurement are completely controlled by the SYN signal. When the device
is in the idle or Standby state the first coming falling edge starts the measurement. Each following falling
edge of SYN, which occurs within the conversion, can stop or continue the measurement. The content of
EDGES register determines which edge is the stopping one. This means that the measurement will not stop
until a certain number of falling edges passed within the conversion time. This certain number of edges is
represented by a value of register EDGES (see Figure 8 and Figure 9). For further details see also Figure
22.
Figure 8: SYND Mode timing, register EDGES = 1
idle or
standby
idle or
standby
conversion
data
fetch
conversion
SYN
OUT0..OUT3
STATE
I²C
activity
data
fetch
READY
TINT
start edge
stop edge
0
1
0
1
Figure 9: SYND Mode timing, register EDGES > 1
conversion
idle or
standby
data
fetch
conversion
SYN
OUT0..OUT3
STATE
I²C
activity
READY
TINT
start edge
stop edge
0
1
EDGES-1
EDGES
0
1
Data fetch should be performed between the rising edge of READY signal and the next falling edge of SYN
in order to allow distortion free measurement.
11 Dash lines indicate variable conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com