Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML61 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML61
Description  Series Positive Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML61 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML61 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML61 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ML61
ML61 Series Positive Voltage Detector
Application
Memory Battery Back-up Circuits
Microprocessor Reset Circuitry
Power Failure Detection
Power-on Reset Circuit
System Battery Life and Charge Voltage
Monitor
Features
CMOSLowPowerConsumption:Typical1.0uAat
Vin=2.0V
SelectableDetectVoltage:1.1Vto6.0Vin0.1Vincrements
HighlyAccurate:DetectVoltage1.1Vto1.9V+3%
DetectVoltage2.0Vto6.0V+2%
OperatingVoltage:0.8Vto10.0V
PackageAvailable: SOT23(150mW),SOT89(500mW)
&TO92(300mW)
Block Diagram
(1) CMOS Output
(2) N-Channel Open Drain Output
General Description
The ML61 is a group of high-precision and low-power voltage detectors.
The ML61 consists of a highly-accurate and low-power reference voltage source, a comparator,
a hysteresis circuit, and an output driver. Detect voltage is very accurate and stable with
N-channel open drain and CMOS, are available.
Absolute Maximum Ratings
P1/14
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
10
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-40 ~ +70
oC
Storage Temperature
Tstg
-40 ~ +70
oC


Similar Part No. - ML61

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
Voltage Monitor
logo
Mitsubishi Electric Sem...
ML6101A MITSUBISHI-ML6101A Datasheet
273Kb / 8P
AIGaAs Laser Diodes emitting light beams around 780nm wavelength
logo
Minilogic Device Corpor...
ML6101X113XX MINILOGIC-ML6101X113XX Datasheet
389Kb / 11P
Voltage Monitor
ML6101X123XX MINILOGIC-ML6101X123XX Datasheet
389Kb / 11P
Voltage Monitor
ML6101X133XX MINILOGIC-ML6101X133XX Datasheet
389Kb / 11P
Voltage Monitor
More results

Similar Description - ML61

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
Voltage Detector Series
October, 2004 ??Rev. 14
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
Voltage Detector Series
March, 2005 ??Rev. 16
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
logo
ON Semiconductor
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
Voltage Detector Series
May, 2006 ??Rev. 18
logo
Minilogic Device Corpor...
ML6102 MINILOGIC-ML6102 Datasheet
389Kb / 11P
Positive Voltage Detector (Inverted Output)
logo
ON Semiconductor
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
Voltage Detector Series
May, 2015 ??Rev. 25
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
Voltage Detector Series
October, 2017 ??Rev. 30
logo
First Silicon Co., Ltd
FC61 FS-FC61 Datasheet
460Kb / 13P
Positive Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com