Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL251R Datasheet(PDF) 4 Page - ams AG

Part # TSL251R
Description  Light-to-Voltage Optical Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL251R Datasheet(HTML) 4 Page - ams AG

  TSL251R Datasheet HTML 1Page - ams AG TSL251R Datasheet HTML 2Page - ams AG TSL251R Datasheet HTML 3Page - ams AG TSL251R Datasheet HTML 4Page - ams AG TSL251R Datasheet HTML 5Page - ams AG TSL251R Datasheet HTML 6Page - ams AG TSL251R Datasheet HTML 7Page - ams AG TSL251R Datasheet HTML 8Page - ams AG TSL251R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Page 4
ams Datasheet
Document Feedback
[v1-00] 2016-May-30
TSL250R, TSL251R, TSL252R − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings Over Operating Free-Air Temperature Range (unless otherwise noted)
Note(s):
1. All voltages are with respect to GND.
2. Output may be shorted to supply.
Symbol
Parameter
Min
Max
Unit
VDD
Supply voltage (1)
6V
IO
Output current
±10
mA
Duration of short-circuit current at (or below) 25°C (2)
5s
TA
Operating free-air temperature range
-25
85
°C
TSTRG
Storage temperature range
-25
85
°C
Lead temperature 1.6mm (1/16 inch) from case for 10 seconds
(S Package)
260
°C
Reflow solder, in accordance with J-STD-020C or J-STD-020D
(SM Package)
260
°C
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com