Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1469 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML1469
Description  ML1469 4-channel BTL driver for CD players
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML1469 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML1469 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML1469 Datasheet HTML 5Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
_______________________________________________________________
ML1469
BTL Driver for CD Player
May, 2004 V1.3
ML1469 4-channel BTL driver for CD players
Application
CD player
VCD player
DVD player
Features
Builtin3.3V(V33)or5.0V(V50)Voltageregulator
Builtingeneralpurposeoperationalamplifier
Builtinthermalshutdowncircuit
Fewexternalparts
PackageAvailable: HSOP28
General Description
The ML1469 is a 4-channel BTL driver for CD player motors and actuators. An internal 3.3V or 5.0V
voltage regulator and general purpose op-amp are provided for variety of applications.
Block Diagram
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
-
+
-
+
+
-
T.S.D
-
+
+
-
13kΩ
+
-
Vcc
Vcc
+
-
50kΩ
Driver-Mute
T.S.D : Thermal Shutdown Circuit
D.Buf : Drive Buffer
50kΩ
10kΩ
1kΩ
13kΩ
13kΩ
13kΩ
10kΩ
10kΩ
10kΩ
1kΩ
1kΩ
1kΩ
10kΩ
10kΩ
(3.3kΩ)
1/5


Similar Part No. - ML1469

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML1412R MITSUBISHI-ML1412R Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEMS
ML1413R MITSUBISHI-ML1413R Datasheet
50Kb / 5P
FOR OPTICAL INFORMATION SYSTEM?
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
Digital-to-Analog Converters with Serial Interface
ML144110 LANSDALE-ML144110 Datasheet
199Kb / 8P
Digital?뱓o?밃nalog Converters with Serial Interface
ML144110-6P LANSDALE-ML144110-6P Datasheet
464Kb / 8P
Digital-to-Analog Converters with Serial Interface
More results

Similar Description - ML1469

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5915FP ROHM-BA5915FP Datasheet
148Kb / 9P
4-channel BTL driver for CD players
BA5937AFP ROHM-BA5937AFP Datasheet
150Kb / 9P
4-channel BTL driver for CD players
BA5941FP ROHM-BA5941FP Datasheet
116Kb / 8P
4-channel BTL driver for CD players
BA6196FP ROHM-BA6196FP Datasheet
178Kb / 10P
4-channel BTL driver for CD players
BA6198S ROHM-BA6198S Datasheet
186Kb / 10P
4-channel BTL driver for CD players
BA6392FP ROHM-BA6392FP Datasheet
124Kb / 8P
4-channel BTL driver for CD players
BA6397FP ROHM-BA6397FP Datasheet
131Kb / 8P
4-channel BTL driver for CD players
BA6790FP ROHM-BA6790FP Datasheet
134Kb / 7P
4-channel BTL driver for CD players
BA6797FP ROHM-BA6797FP Datasheet
164Kb / 10P
4-channel BTL driver for CD players
BA6997FP ROHM-BA6997FP Datasheet
119Kb / 7P
4-channel BTL driver for CD players
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com