Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54S Datasheet(PDF) 10 Page - FutureWafer Tech Co.,Ltd

Part # BAT54S
Description  Surface Mount Schottky Barrier Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAT54S Datasheet(HTML) 10 Page - FutureWafer Tech Co.,Ltd

Back Button BAT54S Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAT54S Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
BAT54 Family
Surface Mount Schottky Barrier Diode
10
Document No.: F41806F
07-FEB-2022 V 2.2
www.futurewafer.com.tw
FQE-001-04
5-9. Dimension-SOD323
5-10. PCB Pad Layout Recommendation-SOD323
SOD323
Dim
Millimeters
Min.
Max.
Body Length
1.60
1.90
Body Width
1.15
1.45
Lead Span Nominal 2.39
2.70
Height
0.80
1.10
Lead Width
0.25
0.40
Lead Height
0.10
0.20
Lead Length
0.20
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com