Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHDC2102 Datasheet(PDF) 2 Page - IOGEAR

Part # GHDC2102
Description  Ultra-High-Speed 10K HDMI짰 Cable 6.6 Ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHDC2102 Datasheet(HTML) 2 Page - IOGEAR

  GHDC2102 Datasheet HTML 1Page - IOGEAR GHDC2102 Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Requirements
1 HDMI output source
1 HDMI input Display or Projector
Package Contents
1 x HDMI Cable
1 x Warranty Card
Specifications
Function
GHDC2102
Cable Connections
Input
HDMI
Output
HDMI
Cable Length
6.6 feet
Video Resolution
Up to 10K @ 60Hz
Transfer Rate
48 Gbps
Dimensions
GHDC2102
Unit Dimensions
Length
6.6 Feet 30AWG
Inner Pack
Height
7.25 in
Length
7.25 in
Width
9.75 in
Inner Pack Qty.
12
Unit Package Dimensions
Height
10 in
Width
6.25 in
Master Carton
Height
11 in
Width
15.25in
Depth
15.25 in
Master Carton Qty.
48
Weight
Master Carton Wt.
18.05 lb
Inner Pack Wt.
4.05 lb
Unit Pack Wt.
0.30 lb
Unit Wt.
0.29 lbs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com