Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA100 Datasheet(PDF) 4 Page - Microchip Technology

Part # TA100
Description  CryptoAutomotive??TA100 (B5) Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TA100 Datasheet(HTML) 4 Page - Microchip Technology

  TA100 Datasheet HTML 1Page - Microchip Technology TA100 Datasheet HTML 2Page - Microchip Technology TA100 Datasheet HTML 3Page - Microchip Technology TA100 Datasheet HTML 4Page - Microchip Technology TA100 Datasheet HTML 5Page - Microchip Technology TA100 Datasheet HTML 6Page - Microchip Technology TA100 Datasheet HTML 7Page - Microchip Technology TA100 Datasheet HTML 8Page - Microchip Technology TA100 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1.
Pin Configuration
The TA100 device comes in three package configuration options based on the desired I/O interface. These include:
• SPI only interface in 8-pin SOIC
• I2C only interface in 8-pin SOIC
• SPI and I2C interfaces in 14-pin SOIC
Based on the configuration selected, different GPIO options are available.
1.1
SOIC-8 Pinout with SPI Interface
The 8-pin SOIC SPI interface consists of the four SPI signals, a Reset signal and GPIO_3.
Table 1-1. 8-Pin SOIC SPI Pin Configuration
Pin Name
Pin Number
Function
CS
1
Chip Select for SPI
RESET
2
Reset Input, active low
GPIO_3
3
GPIO_3
VSS
4
Ground
SI
5
SPI Serial Data Input
SCK
6
SPI Clock
SO
7
SPI Serial Data Output
VCC
8
2.7V-5.5V Power Supply
Figure 1-1. Pinout
1
2
3
4
SI
SCK
5
SO
6
7
VCC
8
CS
GPIO_3
VSS
RESET
SPI I/O
RESET
GPIO
Pwr/Gnd
1.2
SOIC-8 Pinout with I2C Interface
Pull-up resistors are required for proper operation of the I2C bus, sized according to the board configuration and bus
speed per the I2C specification.
Table 1-2. 8-Pin SOIC I2C Pin Configuration
Pin Name
Pin Number
Function
GPIO_1
1
GPIO_1
GPIO_2
2
GPIO_2
GPIO_3
3
GPIO_3
VSS
4
Ground
TA100 (B5)
Pin Configuration
© 2020-2021 Microchip Technology Inc.
and its subsidiaries
Summary Datasheet
DS20006369C-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com